Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-G03E Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDSP-G03E
Description  Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-G03E Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDSP-G03E Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-G03E Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-G03E Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-G03E Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-G03E Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-G03E Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-G03E Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-G03E Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-G03E Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4
Internal Circuit Diagram
15
13
1
3
214
16
AB
C
D
E
F
G
4 COM
PIN No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CONNECTION
CATHODE C (DIGIT 1)
CATHODE E (DIGIT 1)
CATHODE D (DIGIT 1)
COMMON ANODE (DIGIT 1)
COMMON ANODE (DIGIT 2)
CATHODE D (DIGIT 2)
CATHODE E (DIGIT 2)
CATHODE C (DIGIT 2)
CATHODE G (DIGIT 2)
CATHODE A (DIGIT 2)
CATHODE F (DIGIT 2)
CATHODE B (DIGIT 2)
CATHODE B (DIGIT 1)
CATHODE F (DIGIT 1)
CATHODE A (DIGIT 1)
CATHODE G (DIGIT 1)
HDSP-G01E/G01G/G01Y/G01A
10
12
8
6
711
9
AB
C
D
E
F
G
5 COM
COMMON ANODE
15
13
1
3
214
16
AB
C
D
E
F
G
4 COM
PIN No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CONNECTION
ANODE C (DIGIT 1)
ANODE E (DIGIT 1)
ANODE D (DIGIT 1)
COMMON CATHODE (DIGIT 1)
COMMON CATHODE (DIGIT 2)
ANODE D (DIGIT 2)
ANODE E (DIGIT 2)
ANODE C (DIGIT 2)
ANODE G (DIGIT 2)
ANODE A (DIGIT 2)
ANODE F (DIGIT 2)
ANODE B (DIGIT 2)
ANODE B (DIGIT 1)
ANODE F (DIGIT 1)
ANODE A (DIGIT 1)
ANODE G (DIGIT 1)
HDSP-G03E/G03G/G03Y/G03A
10
12
8
6
711
9
AB
C
D
E
F
G
5 COM
COMMON CATHODE


Similar Part No. - HDSP-G03E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-G03E AVAGO-HDSP-G03E Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-G03E AVAGO-HDSP-G03E Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
More results

Similar Description - HDSP-G03E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-G01E AVAGO-HDSP-G01E_12 Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-311E AVAGO-HDSP-311E_12 Datasheet
80Kb / 11P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
HDSP-311X AVAGO-HDSP-311X Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
logo
Lite-On Technology Corp...
LTS-4640AE LITEON-LTS-4640AE Datasheet
106Kb / 5P
   The LTS-4640AE is a 0.4-inch (10.16-mm) digit height single digit seven-segment display.
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-521A AVAGO-HDSP-521A Datasheet
55Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-521A HP-HDSP-521A Datasheet
336Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Lite-On Technology Corp...
LTC-4625G LITEON-LTC-4625G Datasheet
390Kb / 6P
   0.4 inch (10 mm) digit height quadruple digit seven-segment display
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com