Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-E01X Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 5082-E01X
Description  Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-E01X Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  5082-E01X Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-E01X Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-E01X Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-E01X Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-E01X Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-E01X Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-E01X Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-E01X Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-E01X Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Description
This 10.16 mm (0.4 inch) LED dual
digit seven-segment display uses
industry standard size package and
pinout. The device is available in
either common anode or common
AgilentHDSP-G01x/G03x
10.16 mm (0.4 inch) Dual Digit General
Purpose Seven-Segment Display
Data Sheet
Features
• Industry standard size
• Industry standard pinout
10.16 mm (0.4 inch)
DIP lead on 2.54 mm
• Choice of colors
High Efficiency Red (HER), Green,
AlGaAs Red and Yellow
• Excellent appearance
Evenly lighted segments gray
package gives optimum contrast
± 50° viewing angle
• Design flexibility
Common anode or common
cathode
• Categorized for luminous
intensity
Green and yellow categorized for
color
Applications
• Suitable for indoor use
• Not recommended for industrial
application, i.e., operating
temperature requirements
exceeding +85˚C or below –25˚C[1]
• Extreme temperature cycling not
recommended
Notes:
1. For additional details, please contact your
local Agilent sales office or an authorized
distributor.
Devices
HER
Green
AlGaAs Red
Yellow
Description
HDSP-G01E
HDSP-G01G
HDSP-G01A
HDSP-G01Y
Common Anode
HDSP-G03E
HDSP-G03G
HDSP-G03A
HDSP-G03Y
Common Cathode
cathode. The choice of colors
includes High Efficiency Red
(HER), Green, AlGaAs Red, and
Yellow. The gray face displays are
suitable for indoor use.


Similar Part No. - 5082-E01X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-E100-00000 HP-5082-E100-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-E101-00000 HP-5082-E101-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-E101-0D000 HP-5082-E101-0D000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-E101-0E000 HP-5082-E101-0E000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-E101-0F000 HP-5082-E101-0F000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
More results

Similar Description - 5082-E01X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-G01E AVAGO-HDSP-G01E_12 Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-311E AVAGO-HDSP-311E_12 Datasheet
80Kb / 11P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
HDSP-311X AVAGO-HDSP-311X Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
logo
Lite-On Technology Corp...
LTS-4640AE LITEON-LTS-4640AE Datasheet
106Kb / 5P
   The LTS-4640AE is a 0.4-inch (10.16-mm) digit height single digit seven-segment display.
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-521A AVAGO-HDSP-521A Datasheet
55Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-521A HP-HDSP-521A Datasheet
336Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Lite-On Technology Corp...
LTC-4625G LITEON-LTC-4625G Datasheet
390Kb / 6P
   0.4 inch (10 mm) digit height quadruple digit seven-segment display
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com