Electronic Components Datasheet Search |
|
NCP303LSN44T1 Datasheet(PDF) 8 Page - ON Semiconductor |
|
NCP303LSN44T1 Datasheet(HTML) 8 Page - ON Semiconductor |
8 / 26 page NCP302, NCP303 http://onsemi.com 8 Table 1. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V NCP302 Series Detector Threshold Detector Threshold Hysteresis Supply Current Nch Sink Current Pch Source Current Vin Low Vin High Vin Low Vin High VDET− (V) (Note 4) VHYS (V) Iin (mA) (Note 5) Iin (mA) (Note 6) IOUT (mA) (Note 7) IOUT (mA) (Note 8) IOUT(mA) (Note 9) Part Number Min Typ Max Min Typ Max Typ Typ Typ Typ Typ NCP302LSN09T1 0.882 0.9 0.918 0.027 0.045 0.063 0.20 0.45 0.05 0.5 2.0 NCP302LSN15T1 1.470 1.5 1.530 0.045 0.075 0.105 NCP302LSN18T1 1.764 1.8 1.836 0.054 0.090 0.126 0.23 0.48 NCP302LSN20T1 1.960 2.0 2.040 0.060 0.100 0.140 NCP302LSN27T1 2.646 2.7 2.754 0.081 0.135 0.189 0.25 0.50 NCP302LSN30T1, 2.940 3.0 3.060 0.090 0.150 0.210 NCV302LSN30T1, 2.940 3.0 3.060 0.090 0.150 0.210 NCP302LSN33T1 3.234 3.3 3.366 0.099 0.165 0.231 NCP302LSN38T1 3.724 3.8 3.876 0.114 0.190 0.266 NCP302LSN40T1 3.920 4.0 4.080 0.120 0.200 0.280 3.0 NCP302LSN43T1 4.214 4.3 4.386 0.129 0.215 0.301 NCP302LSN45T1 4.410 4.5 4.590 0.135 0.225 0.315 0.33 0.52 NCP302LSN47T1 4.606 4.7 4.794 0.141 0.235 0.329 0.34 0.53 4. Values shown apply at +25 °C only. For voltage options greater than 1.1 V, VDET− limits over operating temperature range (−40°C to +125°C) are VNOM ±3%. For voltage options < 1.2 V, VDET− is guaranteed only at +25°C. 5. Condition 1: 0.9 — 2.9 V, Vin = VDET− − 0.10 V; 3.0 — 3.9 V, Vin = VDET− − 0.13 V; 4.0 — 4.9 V, Vin = VDET− − 0.16 V 6. Condition 2: 0.9 — 4.9 V, Vin = VDET− + 2.0 V 7. Condition 3: 0.9 — 4.9 V, Vin = 0.7 V, VOUT = 0.05 V, Active Low ‘L’ Suffix Devices 8. Condition 4: 0.9 — 1.0 V, Vin = 0.85 V, VOUT = 0.5 V; 1.1 — 1.5 V, Vin = 1.0 V, VOUT = 0.5 V; 1.6 — 4.9 V, Vin = 1.5 V, VOUT = 0.5 V, Condition 4: Active Low ‘L’ Suffix Devices 9. Condition 5: 0.9 — 3.9 V, Vin = 4.5 V, VOUT = 2.4 V; 4.0 — 4.9 V, Vin = 8.0 V, VOUT = 5.9 V, Active Low ‘L’ Suffix Devices Table 2. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V NCP302 Series Detector Threshold Detector Threshold Hysteresis Supply Current Nch Sink Current Pch Source Current Vin Low Vin High Vin Low Vin High VDET− (V) (Note 10) VHYS (V) Iin (mA) (Note 11) Iin (mA) (Note 12) IOUT (mA) (Note 13) IOUT (mA) (Note 14) IOUT (mA) (Note 15) Part Number Min Typ Max Min Typ Max Typ Typ Typ Typ Typ NCP302HSN09T1 0.882 0.9 0.918 0.027 0.045 0.063 0.20 0.45 2.5 0.04 0.08 NCP302HSN18T1 1.764 1.8 1.836 0.054 0.090 0.126 0.23 0.48 NCP302HSN27T1 2.646 2.7 2.754 0.081 0.135 0.189 0.25 0.50 NCP302HSN30T1 2.940 3.0 3.060 0.090 0.150 0.210 NCP302HSN40T1 3.920 4.0 4.080 0.120 0.200 0.280 NCP302HSN45T1 4.410 4.5 4.590 0.135 0.225 0.315 0.33 0.52 10. Values shown apply at +25 °C only. For voltage options greater than 1.1 V, VDET− limits over operating temperature range (−40°C to +125°C) are VNOM ±3%. For voltage options < 1.2 V, VDET− is guaranteed only at +25°C. 11. Condition 1: 0.9 — 2.9 V, Vin = VDET− − 0.10 V; 3.0 — 3.9 V, Vin = VDET− − 0.13 V; 4.0 — 4.9 V, Vin = VDET− − 0.16 V 12. Condition 2: 0.9 — 4.9 V, Vin = VDET− + 2.0 V 13. Condition 3: 0.9 — 1.4 V, Vin = 1.5 V, VOUT = 0.5 V; 1.5 — 4.9 V, Vin = 5.0 V, VOUT = 0.5 V, Active High ‘H’ Suffix Devices 14. Condition 4: 0.9 — 4.9 V, Vin = 0.7 V, VOUT = 0.4 V, Active High ‘H’ Suffix Devices 15. Condition 5: 0.9 — 1.0 V, Vin = 0.8 V, VOUT = GND; 1.1 — 1.5 V, Vin = 1.0 V, VOUT = GND; 1.6 — 4.9 V, Vin = 1.5 V, VOUT = GND, Active High ‘H’ Suffix Devices |
Similar Part No. - NCP303LSN44T1 |
|
Similar Description - NCP303LSN44T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |