Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFCT-5942TL Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HFCT-5942TL
Description  Agilent HFCT-5942xxx Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-48/SDH STM-16 Part of the Agilent METRAK family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5942TL Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HFCT-5942TL Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFCT-5942TL Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFCT-5942TL Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5942TL Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5942TL Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5942TL Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5942TL Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5942TL Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5942TL Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2
Functional Description
Receiver Section
Design
The receiver section for the
HFCT-5942xxx contains an
InGaAs/InP photo detector and
a preamplifier mounted in an
optical subassembly. This
optical subassembly is coupled
to a postamp/decision circuit
on a circuit board. The design
of the optical assembly is such
that it provides better than 27
dB Optical Return Loss (ORL).
The postamplifier is ac coupled
to the preamplifier as
illustrated in Figure 1. The
coupling capacitors are large
enough to pass the SONET/
SDH test pattern at 2488 Mb/s
without significant distortion
or performance penalty. If a
lower signal rate, or a code
which has significantly more
low frequency content is used,
sensitivity, jitter and pulse
distortion could be degraded.
Figure 1 also shows a filter
function which limits the
bandwidth of the preamp
output signal. The filter is
designed to bandlimit the
preamp output noise and thus
improve the receiver
sensitivity.
These components will reduce
the sensitivity of the receiver
as the signal bit rate is
increased above 2488 Mb/s.
As an optional feature the
device also incorporates a
photodetector bias circuit. The
circuit works by providing a
mirrored output of the bias
current within the photodiode.
This output must be connected
to VCC and can be monitored
by connecting through a series
resistor (see Application
Section).
Figure 1. Receiver Block Diagram
Noise Immunity
The receiver includes internal
circuit components to filter
power supply noise. However
under some conditions of EMI
and power supply noise,
external power supply filtering
may be necessary (see
Application Section).
The Signal Detect Circuit
The signal detect circuit works
by sensing the peak level of
the received signal and
comparing this level to a
reference. The SD output is
low voltage TTL.
TRANS-
IMPEDANCE
PRE-
AMPLIFIER
FILTER
GND
AMPLIFIER
PECL
OUTPUT
BUFFER
TTL
OUTPUT
BUFFER
DATA OUT
SIGNAL
DETECT
CIRCUIT
SD
DATA OUT
PHOTODETECTOR
BIAS


Similar Part No. - HFCT-5942TL

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5903 HP-HFCT-5903 Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
HFCT-5903E HP-HFCT-5903E Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
HFCT-5905 HP-HFCT-5905 Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
HFCT-5905E HP-HFCT-5905E Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5911ATLZ AVAGO-HFCT-5911ATLZ Datasheet
320Kb / 16P
   Single Mode Laser Transceivers for Gigabit Ethernet and iSCSI
More results

Similar Description - HFCT-5942TL

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5964TL HP-HFCT-5964TL Datasheet
254Kb / 17P
   Agilent HFCT-5964TL/TG/NL/NG/ATL/ ATG Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-3 /SDH STM-1 Part of the Agilent METRAK family
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5943LZ AVAGO-AFCT-5943LZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation (Part of the Avago Technologies??METRAK family)
AFCT-5942LZ AVAGO-AFCT-5942LZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation (Part of the Avago Technologies??METRAK family)
logo
Agilent(Hewlett-Packard...
HFCT-5215B HP-HFCT-5215B Datasheet
236Kb / 10P
   Agilent HFCT-5215B/D 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Broadcom Corporation.
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
AFCT-5944LZ BOARDCOM-AFCT-5944LZ Datasheet
480Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
AFCT-5942XXXZ BOARDCOM-AFCT-5942XXXZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation
AFCT-5745Z BOARDCOM-AFCT-5745Z Datasheet
542Kb / 18P
   Family of Single-Mode SFP Transceivers for SONET OC-48 and SDH/STM-16 with Digital Diagnostic Monitoring (DMI) Interface
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com