Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-5120-H02 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HEDS-5120-H02
Description  Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5120-H02 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HEDS-5120-H02 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-5120-H02 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-5120-H02 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-5120-H02 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-5120-H02 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-5120-H02 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5120-H02 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-5120-H02 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-5120-H02 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2
HEDS-XXXX
HEDM-XXXX
HEDG-XXXX
Parameter
Symbol
Metal Codewheels
Film Codewheels
Glass Codewheels
Storage
TS
-40
°C to +100°C
-40
°C to +70°C
-40
°C to +100°C
Temperature
Operating
TA
-40
°C to +100°C
-40
°C to +70°C
-40
°C to +100°C
Temperature
Humidity
non condensing
Velocity
30,000 RPM
30,000 RPM
12,000 RPM
Shaft Axial Play
± 0.25 mm
± 0.175 mm
± 0.175 mm
(
± 0.010 in)
(
± 0.007 in)
(
± 0.007 in)
Shaft Eccentricity
± 0.1 mm
± 0.04 mm
± 0.04 mm
Plus Radial Play
(
± 0.004 in) TIR
(
± 0.0015 in) TIR
(
± 0.0015 in) TIR
Acceleration
250,000 Rad/Sec2
250,000 Rad/Sec2
100,000 Rad/Sec2
Absolute Maximum
Ratings
It is important to consider the
environment in which the
codewheels will be used when
selecting a codewheel material. In
brief, metal codewheels are
rugged, but do not offer higher
resolution capabilities. Film
codewheels allow higher
resolution, but cannot endure the
same temperatures and high
humidity as metal. Glass
codewheels offer both high
temperature and higher
resolution, but are also more
expensive. Consider the following
rating table when choosing a
codewheel material.
Recommended Operating Conditions
HEDS-XXXX
HEDM-XXXX
HEDG-XXXX
Parameter
Metal Codewheels
Film Codewheels
Glass Codewheels
Maximum Count Frequency
100 kHz
200 kHz*
200 kHz
Shaft Perpendicularity
± 0.25 mm
± 0.175 mm
± 0.175 mm
Plus Axial Play
(
± 0.010 in)
(
± 0.007 in)
(
± 0.007 in)
Shaft Eccentricity Plus
± 0.1 mm
± 0.04 mm
± 0.04 mm
Radial Play
(
± 0.004 in) TIR
(
± 0.0015 in) TIR
(
± 0.0015 in) TIR
Note: Agilent Encoder Modules are guaranteed to 100 kHz, but can operate at higher frequencies. See Encoder Module Data Sheet for
specifications and output load recommendations.
*HEDM-6140 is guaranteed to 100 kHz with the HEDS-9040 #T00 module.


Similar Part No. - HEDS-5120-H02

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-5120-H02 HP-HEDS-5120-H02 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
HEDS-5120-H02 HP-HEDS-5120-H02 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results

Similar Description - HEDS-5120-H02

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-61X0 HP-HEDS-61X0 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-51X0 AVAGO-HEDS-51X0 Datasheet
314Kb / 13P
   Two and Three Channel Codewheels for use with Avago Technologies Optical Encoder Modules
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com