Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFCT-5942AG Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HFCT-5942AG
Description  Agilent HFCT-5942xxx Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-48/SDH STM-16 Part of the Agilent METRAK family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5942AG Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HFCT-5942AG Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5942AG Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5942AG Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5942AG Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5942AG Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5942AG Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5942AG Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFCT-5942AG Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFCT-5942AG Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
6
Pin Descriptions:
Pin 1 Photo Detector Bias, VpdR:
This pin enables monitoring of
photo detector bias current. The
pin should either be connected
directly to VCCRX, or to VCCRX
through a resistor for monitoring
photo detector bias current.
Pins 2, 3, 6 Receiver Signal Ground VEE
RX:
Directly connect these pins to
the receiver ground plane.
Pins 4, 5 DO NOT CONNECT
Pin 7 Receiver Power Supply VCC RX:
Provide +3.3 V dc via the
recommended receiver power
supply filter circuit. Locate the
power supply filter circuit as
close as possible to the VCC RX
pin. Note: the filter circuit
should not cause VCC to drop
below minimum specification.
Pin 8 Signal Detect SD:
Normal optical input levels to
the receiver result in a logic “1”
output.
Low optical input levels to the
receiver result in a logic “0”
output.
This Signal Detect output can be
used to drive a TTL input on an
upstream circuit, such as Signal
Detect input or Loss of Signal-
bar.
Pin 9 Receiver Data Out Bar RD-:
PECL logic family. Output
internally biased and ac coupled.
Pin 10 Receiver Data Out RD+:
PECL logic family. Output
internally biased and ac coupled.
Pin 11 Transmitter Power Supply
VCC TX:
Provide +3.3 V dc via the
recommended transmitter power
supply filter circuit. Locate the
power supply filter circuit as
close as possible to the VCC TX
pin.
Pins 12, 16 Transmitter Signal
Ground VEE TX:
Directly connect these pins to
the transmitter signal ground
plane.
Pin 13 Transmitter Disable TDIS:
Optional feature, connect this
pin to +3.3 V TTL logic high “1”
to disable module. To enable
module connect to TTL logic low
“0”.
Pin 14 Transmitter Data In TD+:
PECL logic family.
Internal terminations are
provided (Terminations, ac
coupling).
Pin 15 Transmitter Data In Bar TD-:
Internal terminations are
provided (Terminations, ac
coupling).
Pin 17 Laser Diode Bias Current Monitor
- Negative End BMON
The laser diode bias current is
accessible by measuring the
voltage developed across pins 17
and 18. Dividing the voltage by
10 Ohms (internal) will yield the
value of the laser bias current.
Pin 18 Laser Diode Bias Current Monitor
- Positive End BMON+
See pin 17 description.
Pin 19 Laser Diode Optical Power
Monitor - Negative End PMON
The back facet diode monitor
current is accessible by
measuring the voltage developed
across pins 19 and 20. The
voltage across a 200 Ohm
resistor between pins 19 and 20
will be proportional to the photo
current.
Pin 20 Laser Diode Optical Power
Monitor - Positive End PMON+
See pin 19 description.
Mounting Studs/Solder Posts
The two mounting studs are
provided for transceiver
mechanical attachment to the
circuit board. It is
recommended that the holes in
the circuit board be connected to
chassis ground.
Package Grounding Tabs
Connect four package grounding
tabs to signal ground.
Connection Diagram
Figure 5. Pin Out Diagram (Top View)
LASER DIODE OPTICAL POWER MONITOR - POSITIVE END
LASER DIODE OPTICAL POWER MONITOR - NEGATIVE END
LASER DIODE BIAS CURRENT MONITOR - POSITIVE END
LASER DIODE BIAS CURRENT MONITOR - NEGATIVE END
TRANSMITTER SIGNAL GROUND
TRANSMITTER DATA IN BAR
TRANSMITTER DATA IN
TRANSMITTER DISABLE
TRANSMITTER SIGNAL GROUND
TRANSMITTER POWER SUPPLY
RX
TX
o
o
o
o
o
o
o
o
o
o
1
2
3
4
5
6
7
8
9
10
o
o
o
o
o
o
o
o
o
o
20
19
18
17
16
15
14
13
12
11
PHOTO DETECTOR BIAS
RECEIVER SIGNAL GROUND
RECEIVER SIGNAL GROUND
NOT CONNECTED
NOT CONNECTED
RECEIVER SIGNAL GROUND
RECEIVER POWER SUPPLY
SIGNAL DETECT
RECEIVER DATA OUTPUT BAR
RECEIVER DATA OUTPUT
Top
View
Mounting Studs/
Solder Posts
Package
Grounding Tabs


Similar Part No. - HFCT-5942AG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5903 HP-HFCT-5903 Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
HFCT-5903E HP-HFCT-5903E Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
HFCT-5905 HP-HFCT-5905 Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
HFCT-5905E HP-HFCT-5905E Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5911ATLZ AVAGO-HFCT-5911ATLZ Datasheet
320Kb / 16P
   Single Mode Laser Transceivers for Gigabit Ethernet and iSCSI
More results

Similar Description - HFCT-5942AG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5964TL HP-HFCT-5964TL Datasheet
254Kb / 17P
   Agilent HFCT-5964TL/TG/NL/NG/ATL/ ATG Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-3 /SDH STM-1 Part of the Agilent METRAK family
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5943LZ AVAGO-AFCT-5943LZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation (Part of the Avago Technologies??METRAK family)
AFCT-5942LZ AVAGO-AFCT-5942LZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation (Part of the Avago Technologies??METRAK family)
logo
Agilent(Hewlett-Packard...
HFCT-5215B HP-HFCT-5215B Datasheet
236Kb / 10P
   Agilent HFCT-5215B/D 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Broadcom Corporation.
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
AFCT-5944LZ BOARDCOM-AFCT-5944LZ Datasheet
480Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
AFCT-5942XXXZ BOARDCOM-AFCT-5942XXXZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation
AFCT-5745Z BOARDCOM-AFCT-5745Z Datasheet
542Kb / 18P
   Family of Single-Mode SFP Transceivers for SONET OC-48 and SDH/STM-16 with Digital Diagnostic Monitoring (DMI) Interface
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com