Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT78C1507 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT78C1507
Description  DVD/CD Read Channel
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT78C1507 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT78C1507 Datasheet HTML 1Page - ATMEL Corporation AT78C1507 Datasheet HTML 2Page - ATMEL Corporation AT78C1507 Datasheet HTML 3Page - ATMEL Corporation AT78C1507 Datasheet HTML 4Page - ATMEL Corporation AT78C1507 Datasheet HTML 5Page - ATMEL Corporation AT78C1507 Datasheet HTML 6Page - ATMEL Corporation AT78C1507 Datasheet HTML 7Page - ATMEL Corporation AT78C1507 Datasheet HTML 8Page - ATMEL Corporation AT78C1507 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
DVD/CD Read Channel
2054A–DVD–07/02
12
FOHG
Digital Input
Focus High Gain
13
REXT
Passive
Passive for 0 TC Current Reference (16.5 K_, 1%)
14
VDD1
3.3V Supply
DPD, IBIAS
15
VSS1
0V Supply
DPD, IBIAS
16
FO1_CD
Analog Input
Focus 1, CD Input
17
FO2_CD
Analog Input
Focus 2, CD Input
18
TR1_CD
Analog Input
Track 1, CD Input
19
TR2_CD
Analog Input
Track 2, CD Input
20
VDD6
3.3V Supply
Slow Servo Analog
21
SS_H
Digital Input
Servo Sample and Hold
22
VSS6
0V Supply
Slow Servo Analog
23
REFFRONT
Input/Output
Servo Front-end Reference Level
24
REFBACK
Input/Output
Servo back-end Reference Level
25
LENSPOS
Analog Input
Lens Position Error Input
26
ATP1
Analog Output
Servo Analog Test Point
27
FE
Analog Output
Focus Error Output
28
TE
Analog Output
Tracking Error Output
29
SLOWSUM
Analog Output
Low-pass Filtered Sum of Photodetector Outputs
30
PORB
Digital Input
Power-on Reset, Bar (active-low)
31
VSS8
0V Supply
Servo DACs
32
VDD8
3.3V Supply
Servo DACs
33
IDSEL
Digital Input
ID Field Select
34
LHIPWR
Digital Input
Laser High Power
35
SHLD
Digital Input
Servo Hold
36
ADCSTRT
Digital Input
Start On-chip 6-bit ADC
37
BWUP
Digital Input
Bandwidth Up
38
BWDN
Digital Input
Bandwidth Down
39
IDINT
Digital Input
Mode Select of Sequencer
40
PD
Digital Input
Power-down
41
RG
Digital Input
User Data Read Gate
42
VSS9
0V Supply
Servo DAC Rings
43
VDD9
3.3V Supply
Servo DAC Rings
44
WOBBLE
Digital Output
Wobble Detect Output
45
ID12
Digital Output
ID Field 12 Detected
46
ID34
Digital Output
ID Field 34 Detected
47
TZC
Digital Output
Track Zero Crossing
Table 1. AT78C1503 Pin List (Continued)
Pin #
Pin Name
Type
Description


Similar Part No. - AT78C1507

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
   DVD / CD ATAPI CONTROLLER
AT78C1502 ATMEL-AT78C1502 Datasheet
76Kb / 9P
   DVD/CD Servo
More results

Similar Description - AT78C1507

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
ATMEL Corporation
AT78C1502 ATMEL-AT78C1502 Datasheet
76Kb / 9P
   DVD/CD Servo
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
   DVD / CD ATAPI CONTROLLER
logo
Rohm
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
   5-channel driver for CD/DVD players
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
   CD and DVD playback
logo
NXP Semiconductors
SAA7818HL PHILIPS-SAA7818HL Datasheet
120Kb / 30P
   DVD and CD playback IC
Rev. 03-25 November 2004
TZA1048 PHILIPS-TZA1048 Datasheet
104Kb / 17P
   4-channel BTL driver for CD/DVD drives
2004 Mar 09
logo
Rohm
BA5986FM ROHM-BA5986FM Datasheet
94Kb / 10P
   CD-ROM / DVD BTL DRIVE
logo
List of Unclassifed Man...
ES3207 ETC-ES3207 Datasheet
72Kb / 4P
   Video CD/DVD Companion Chip
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com