Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-5120-C13 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HEDS-5120-C13
Description  Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5120-C13 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HEDS-5120-C13 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-5120-C13 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-5120-C13 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-5120-C13 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5120-C13 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-5120-C13 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-5120-C13 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDS-5120-C13 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HEDS-5120-C13 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
6
Mechanical Drawings
Figure 4. HEDS-5120 Codewheel.
Figure 5. HEDS-6100 Codewheel.
Figure 6. HEDS-5140 Codewheel Used with HEDS-9140.
5.95
(0.234)
MAX.
12.70
(0.500)
MAX.
10.16
(0.400)
130° ± 5°
TYPICAL
INDEX PULSE
POSITION
INDEX PULSE
REFERENCE
MARKER
25.7 (1.01)
DIA. MAX.
1.80
(0.071)
SETSCREW
3.58
(0.141)
MOUNTING BOSS
ROP = 11.00 mm (0.433 in.)
DIMENSIONS IN MM (INCHES)
26.67
(1.050)
MAX.
18.0
(0.71)
50.0 (1.97)
DIA.
8.99
(0.354)
MAX.
MOUNTING
BOSS
DIMENSIONS IN MM (INCHES)
# 2-56 SETSCREW
USE 0.035" HEX WRENCH
0.20
(0.008)
5.94
(0.234)
MAX.
12.70
(0.500)
MAX.
10.16
(0.400)
1.80
(0.071)
3.58
(0.141)
MOUNTING BOSS –
NOT USED ON
6 mm & 1/4"
I.D. HUBS
DIMENSIONS IN MM (INCHES)
# 2-56 SETSCREW
USE 0.035"
HEX WRENCH
25.40 (1.000) MAX.
0.04 MAX.
0.054


Similar Part No. - HEDS-5120-C13

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-5120-C13 HP-HEDS-5120-C13 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
HEDS-5120-C13 HP-HEDS-5120-C13 Datasheet
241Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results

Similar Description - HEDS-5120-C13

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-51X0 HP-HEDS-51X0 Datasheet
241Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-51X0 AVAGO-HEDS-51X0 Datasheet
314Kb / 13P
   Two and Three Channel Codewheels for use with Avago Technologies Optical Encoder Modules
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com