Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMQC110 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMQC110
Description  Agilent HSMx-C1xx High Performance Chip LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMQC110 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMQC110 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMQC110 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMQC110 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMQC110 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMQC110 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMQC110 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMQC110 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMQC110 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMQC110 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Features
• High brightness
• Small size
• Industrial standard footprint
• Diffused optics
• Top emitting or right angle
emitting
• Compatible with IR soldering
• Compatible for use with light
piping
• Available in 8 mm tape on
7" diameter reel
• Reel sealed in zip locked moisture
barrier bags
Applications
• LCD backlighting
• Push button backlighting
• Front panel indicator
• Symbol indicator
• Microdisplays
• Small message panel signage
Description
These small chip-type LEDs utilize
high efficient and high brightness
InGaN material to deliver
competitively priced high
performance blue and green. These
520 nm green and 470 nm blue are
unique hues which provide color
differentiation to a product.
These ChipLEDs come in either top
emitting packages (HSMx-C130,
C150, C170, C177, C190, C191,
C197), in side emitting packages
(HSMx-C110, C120) or in a reverse
mount package (C265). The side
emitting package is especially
suitable for LCD backlighting
application. The top emitting
packages, with their wide viewing
angle, are suitable for direct
backlighting application or being
used with light pipes. In order to
facilitate pick and place operation,
these ChipLEDs are shipped in
tape and reel with 4000 units per
reel for HSMx-C120, C130, C170,
C177, C190, C191 and C197
packages, and 3000 units per reel
for HSMx-C110, C150 and C265
packages. All packages are
compatible with IR soldering and
binned by both color and intensity.
Agilent HSMx-C1xx
High Performance Chip LED
Data Sheet
HSMQ-C110/120/150/170/177/190/191/197/265,
HSMR-C110/120/130/150/170/177/190/191/197/265
CAUTION: HSMQ-C1xx and HSMR-C1xx are Class 1 ESD sensitive per MIL-STD-1686. Please observe
appropriate precautions during handling and processing. Refer to Agilent Technologies Application Note
AN-1142 for additional details.


Similar Part No. - HSMQC110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMQ-C110 AVAGO-HSMQ-C110 Datasheet
455Kb / 12P
   High Performance Chip LED
logo
Agilent(Hewlett-Packard...
HSMQ-C120 HP-HSMQ-C120 Datasheet
210Kb / 10P
   Right Angle ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMQ-C120 AVAGO-HSMQ-C120 Datasheet
455Kb / 12P
   High Performance Chip LED
HSMQ-C120 AVAGO-HSMQ-C120 Datasheet
229Kb / 6P
   Product Obsolescence Notification
HSMQ-C150 AVAGO-HSMQ-C150 Datasheet
455Kb / 12P
   High Performance Chip LED
More results

Similar Description - HSMQC110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMN-A100-R00J1 HP-HSMN-A100-R00J1 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
HSMA-A160-Q00J1 HP-HSMA-A160-Q00J1 Datasheet
273Kb / 11P
   Agilent HSMx-A16x-xxxxx PLCC-2 Surface Mount LED Indicator Black Surface Tinted
HLMP-P106 HP-HLMP-P106 Datasheet
390Kb / 9P
   Agilent Subminiature High Performance TS AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C1XX AVAGO-HSMX-C1XX Datasheet
455Kb / 12P
   High Performance Chip LED
logo
Mitel Networks Corporat...
1A314 MITEL-1A314 Datasheet
49Kb / 2P
   High-Performance LED
logo
Zarlink Semiconductor I...
MF388 ZARLINK-MF388 Datasheet
209Kb / 5P
   High Performance LED
logo
Keysight Technologies
E1421B KEYSIGHT-E1421B Datasheet
223Kb / 5P
   Agilent E1421B
logo
Microsemi Corporation
LX27901 MICROSEMI-LX27901 Datasheet
803Kb / 19P
   High Performance LED Controller
Rev. 1.1
logo
Mitel Networks Corporat...
1A439 MITEL-1A439 Datasheet
193Kb / 10P
   High-Performance LED(Datacom)
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com