Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMQC191 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSMQC191
Description  Agilent HSMx-C1xx High Performance Chip LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMQC191 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HSMQC191 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMQC191 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMQC191 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMQC191 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMQC191 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMQC191 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMQC191 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMQC191 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMQC191 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
6
Figure 1. Relative intensity vs. wavelength.
Light Intensity (Iv) Bin Limits[1]
Intensity (mcd)
Intensity (mcd)
Bin ID
Min.
Max.
Bin ID
Min.
Max.
A
0.11
0.18
N
28.50
45.00
B
0.18
0.29
P
45.00
71.50
C
0.29
0.45
Q
71.50
112.50
D
0.45
0.72
R
112.50
180.00
E
0.72
1.10
S
180.00
285.00
F
1.10
1.80
T
285.00
450.00
G
1.80
2.80
U
450.00
715.00
H
2.80
4.50
V
715.00
1125.00
J
4.50
7.20
W
1125.00
1800.00
K
7.20
11.20
X
1800.00
2850.00
L
11.20
18.00
Y
2850.00
4500.00
M
18.00
28.50
Tolerance:
±15%
Note:
1. Bin categories are established for classification of products. Products may not be available in all
categories. Please contact your Agilent representative for information on currently available bins.
Figure 2. Forward current vs. forward voltage.
Figure 3. Luminous intensity vs. forward
current.
Figure 4. Maximum forward current vs.
ambient temperature.
100
10
1
0.1
2.0
2.5
3.0
3.5
4.0
VF – FORWARD VOLTAGE – V
GREEN
BLUE
05
15
IF – FORWARD CURRENT – mA
0
0.4
1.0
20
0.6
0.2
0.8
10
25
1.2
GREEN
BLUE
WAVELENGTH – nm
100
50
0
600
700
BLUE
GREEN
500
400
90
80
70
60
40
30
20
10
0
0
20
60
80 90
5
TA – AMBIENT TEMPERATURE – °C
40
15
10
20
R
θJ-A = 600°C/W
R
θJ-A = 500°C/W
25
10
30
50
70


Similar Part No. - HSMQC191

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMQ-C110 AVAGO-HSMQ-C110 Datasheet
455Kb / 12P
   High Performance Chip LED
logo
Agilent(Hewlett-Packard...
HSMQ-C120 HP-HSMQ-C120 Datasheet
210Kb / 10P
   Right Angle ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMQ-C120 AVAGO-HSMQ-C120 Datasheet
455Kb / 12P
   High Performance Chip LED
HSMQ-C120 AVAGO-HSMQ-C120 Datasheet
229Kb / 6P
   Product Obsolescence Notification
HSMQ-C150 AVAGO-HSMQ-C150 Datasheet
455Kb / 12P
   High Performance Chip LED
More results

Similar Description - HSMQC191

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMN-A100-R00J1 HP-HSMN-A100-R00J1 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
HSMA-A160-Q00J1 HP-HSMA-A160-Q00J1 Datasheet
273Kb / 11P
   Agilent HSMx-A16x-xxxxx PLCC-2 Surface Mount LED Indicator Black Surface Tinted
HLMP-P106 HP-HLMP-P106 Datasheet
390Kb / 9P
   Agilent Subminiature High Performance TS AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C1XX AVAGO-HSMX-C1XX Datasheet
455Kb / 12P
   High Performance Chip LED
logo
Mitel Networks Corporat...
1A314 MITEL-1A314 Datasheet
49Kb / 2P
   High-Performance LED
logo
Zarlink Semiconductor I...
MF388 ZARLINK-MF388 Datasheet
209Kb / 5P
   High Performance LED
logo
Keysight Technologies
E1421B KEYSIGHT-E1421B Datasheet
223Kb / 5P
   Agilent E1421B
logo
Microsemi Corporation
LX27901 MICROSEMI-LX27901 Datasheet
803Kb / 19P
   High Performance LED Controller
Rev. 1.1
logo
Mitel Networks Corporat...
1A439 MITEL-1A439 Datasheet
193Kb / 10P
   High-Performance LED(Datacom)
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com