Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1163A Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # U1163A
Description  Agilent U1240 Series Handheld Digital Multimeters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1163A Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  U1163A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3
AC specifications
Function
Range
Resolution
Test current/
burden voltage
Accuracy ± (% of reading + counts of
least significant digit)
40 to 500 Hz 500 Hz to 1 kHz 1 to 2 kHz
AC voltage8, 12
True RMS
1000.0 mV
0.1 mV
1% + 5
2% + 5
10.000 V
0.001 V
1% + 5
2% + 5
100.00 V
0.01 V
1000.0 V
0.1 V
AC current9, 12
True RMS
1000.0 µA
0.1 µA
< 0.06 V (50 Ω)
1% + 5
1.5% + 5
10000 µA
1 µA
< 0.55 V (50 Ω)
100.00 mA
0.01 mA
< 0.18 V (0.5 Ω)
440.0 mA10
0.1 mA
< 0.8 V (0.5 Ω)
10.000 A11
0.001 A
< 0.4 V (0.01 Ω)
8. Input impedance: 10 MΩ (nominal) in parallel with < 100 pF, with overload protection of 1000 V RMS
9. Crest factor ≤ 3. For non-sinusoidal waveforms with crest factor up to 3, add 2% reading + 2% full scale typical.
10. Current can be measured from 50 mA to 440 mA continuously. An additional 0.2% needs to be added to the specified accuracy if the signal
measured is in the range of 440 mA to 1100 mA for 30 seconds maximum. After measuring a current of > 440 mA, leave the meter to cool down for
twice the measuring time used before application of low current measurement.
11. Current can be measured from 0.5 A up to 10 A continuously with a maximum operating temperature of 50 °C. An additional 0.3% needs to be added
to the specified accuracy if the signal measured is in the range of 10 A to 19.999 A for 15 seconds maximum. After measuring a current of >10 A,
leave the meter to cool down for 60 seconds before applying a low current measurement.
12. AC voltage and AC current specifications are AC coupled. True RMS measurement is valid from 5 % of range to 100 % of range.
Temperature specifications
Thermocouple type
Range
Resolution
Accuracy ± (% of reading +
offset error)
K (for U1241B and U1242B)
–40 to 1000 ºC/–48 to 1832 ºF
0.1 °C /0.1 °F
1% + 1 ºC/1% + 1.8 °F
J (for U1242B only)
–40 to 1000 ºC/–48 to 1832 ºF
0.1 ºC/0.1 ºF
1% + 1 ºC/1% + 1.8 °F
Capacitance specifications
Range
Resolution
Accuracy ± (% of reading + counts of least significant digit)
1000.0 nF
0.1 nF
1.2% + 4
10.000 µF
0.001 µF
100.00 µF
0.01 µF
1000.0 µF
0.1 µF
2% + 4
10.000 mF
0.001 mF
Harmonic ratio specifications
Range
Frequency
Voltage
0.0% to 99.9%
40 to 500 Hz
100 mVAC to 1000 VAC
Electrical Specifications


Similar Part No. - U1163A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1163A HP-U1163A Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1163A HP-U1163A Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1163A HP-U1163A Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Similar Description - U1163A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com