Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF-TA-1FB4-A12 Datasheet(PDF) 2 Page - Copal Electronics

Part # CF-TA-1FB4-A12
Description  Reflow Toggle Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CF-TA-1FB4-A12 Datasheet(HTML) 2 Page - Copal Electronics

  CF-TA-1FB4-A12 Datasheet HTML 1Page - Copal Electronics CF-TA-1FB4-A12 Datasheet HTML 2Page - Copal Electronics CF-TA-1FB4-A12 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Number of poles Switching function
Actuator shape
Form of Packaging
Terminal style
Pieces in package
SMD
THR
1 pole
D
Standard
Taping
CF-TA-1DB4-A02T
CF-TA-1DB4-A12T
500pcs./reel
E
CF-TA-1EB4-A02T
CF-TA-1EB4-A12T
500pcs./reel
F
★CF-TA-1FB4-A02T ★CF-TA-1FB4-A12T
500pcs./reel
G
★CF-TA-1GB4-A02T ★CF-TA-1GB4-A12T
500pcs./reel
H
500pcs./reel
D
Plastic bags
CF-TA-1DB4-A02
CF-TA-1DB4-A12
20pcs./pack
E
CF-TA-1EB4-A02
CF-TA-1EB4-A12
20pcs./pack
F
★CF-TA-1FB4-A02 ★CF-TA-1FB4-A12
20pcs./pack
G
★CF-TA-1GB4-A02 ★CF-TA-1GB4-A12
20pcs./pack
H
20pcs./pack
D
Lever-lock
Taping
250pcs./reel
Plastic bags
20pcs./pack
(1)
 ・Standard
(2)
Manual soldering
  Device:Solder iron
  380℃ Max. 3sec Max.
・Locking Lever


Similar Part No. - CF-TA-1FB4-A12

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CF-TA-1FB4-A12 COPAL-CF-TA-1FB4-A12 Datasheet
324Kb / 3P
   Relow Toggle Switch
CF-TA-1FB4-A12T COPAL-CF-TA-1FB4-A12T Datasheet
324Kb / 3P
   Relow Toggle Switch
More results

Similar Description - CF-TA-1FB4-A12

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
   SWITCH - TOGGLE
logo
CW Industries
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
   TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
   TOGGLE SWITCH
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
   TOGGLE SWITCH
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
   SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
   SWITCH - TOGGLE
logo
List of Unclassifed Man...
14TL1-1A ETC2-14TL1-1A Datasheet
128Kb / 1P
   SWITCH-TOGGLE
logo
Tyco Electronics
4-1437558-8 MACOM-4-1437558-8 Datasheet
487Kb / 3P
   TOGGLE SWITCH
logo
Honeywell Accelerometer...
2TL1-2 HONEYWELL-ACC-2TL1-2 Datasheet
195Kb / 2P
   SWITCH - TOGGLE
logo
Honeywell Solid State E...
31NT91-3 HONEYWELL-31NT91-3 Datasheet
118Kb / 1P
   SWITCH - TOGGLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com