Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFT2-1RC4-AW Datasheet(PDF) 3 Page - Copal Electronics

Part # CFT2-1RC4-AW
Description  Ultra-Miniature Toggle Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFT2-1RC4-AW Datasheet(HTML) 3 Page - Copal Electronics

  CFT2-1RC4-AW Datasheet HTML 1Page - Copal Electronics CFT2-1RC4-AW Datasheet HTML 2Page - Copal Electronics CFT2-1RC4-AW Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CFT2
Switching
function
Part No.
 CFT2-1DC6-AW
ON
ON
 CFT2-1EC6-AW
ON
OFF
ON
☆CFT2-1FC6-AW
ON
−(ON)
☆CFT2-1GC6-AW (ON)
OFF
(ON)
☆CFT2-1HC6-AW
ON
OFF
(ON)
Connecting terminals
5
−6
4
−5
Switching
function
Part No.
☆CFT2-2NC6-AW
ON
ON
☆CFT2-2PC6-AW
ON
OFF
ON
☆CFT2-2RC6-AW
ON
−(ON)
☆CFT2-2SC6-AW
(ON)
OFF
(ON)
☆CFT2-2TC6-AW
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
1
−2
4
−5
SPDT
DPDT
PC hole Layouts
(Topview)
PC hole Layouts
(Topview)
(ON)
:Momentary.
☆:Semi-standard products.
■:VSKLYPUN:WLJPÄJH[PVUZ
⑴Manual Soldering
Device
:Soldering iron
350
℃, Max.; 3 seconds, Max.
⑵Auto Soldering
Device
:Jet wave type or dip type
260
℃, Max.; 3 to 5 seconds (One time)
Total dip time within 10 sec.
・Pre-heating should be done at temperatures
ranging from 80
℃ to 120℃ and within 120 sec.
⑶When soldering two or more terminals to the common
land, use the solder resist to solder them independently.
■Flux Cleaning
⑴Solvent : Fluorine or Alcohol type.
⑵Cleaning after soldering should be done after the
PC board is exposed to room temperature (30
℃ or
below) for 1 to 2 hours.
⑶Do not use ultrasonic cleaning.
■7HJRHNPUN :WLJPÄJH[PVUZ
7SHZ[PJR7HJR
100 pcs/pack
Pre-heating
within 120sec
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Vertical mounting terminal
Vertical mounting terminal


Similar Part No. - CFT2-1RC4-AW

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFT2-1RC4-AW COPAL-CFT2-1RC4-AW Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
More results

Similar Description - CFT2-1RC4-AW

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
FT_SERIES COPAL-FT_SERIES Datasheet
382Kb / 3P
   Ultra-Miniature Toggle Switch
CFT2 COPAL-CFT2 Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
BT_SERIES COPAL-BT_SERIES Datasheet
242Kb / 3P
   Miniature Toggle Switch
CF-TB COPAL-CF-TB Datasheet
233Kb / 2P
   Miniature Power Toggle Switch
logo
GREATECS
G3T GREATECS-G3T Datasheet
759Kb / 1P
   Ultra-Miniature SMT Toggle Switches
logo
Omron Electronics LLC
A9TS OMRON-A9TS Datasheet
700Kb / 4P
   Ultra subminiature Toggle Switch
logo
GREATECS
G12JPC GREATECS-G12JPC Datasheet
2Mb / 6P
   Ultra-Miniature Fully Illuminated Toggle Switches
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com