Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1780A Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # U1780A
Description  Agilent U1701B Handheld Capacitance Meter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1780A Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  U1780A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1780A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1780A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1780A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1780A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1780A Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3
U1701B Electrical Specifications
Accuracy is given as ± (% of output + counts of least significant digit) at
23 °C ± 5 °C, with relative humidity less than 80% R.H.
For example, 1% ±10 = 1% of reading + 10 counts of least significant digit.
Capacitance
Range
Resolution
Accuracy*
Measuring rate
(approx.)
1000.0 pF
0.1 pF
1% + 10
5 times/s
10.000 nF
0.001 nF
1% + 5
5 times/s
100.00 nF
0.01 nF
0.5% + 3
5 times/s
1000.0 nF
0.1 nF
0.5% + 3
5 times/s
10.000 μF
0.001μF
0.5% + 3
5 times/s
100.00 μF
0.01 μF
0.5% + 3
5 times/s
1000.0 μF
0.1 μF
0.5% + 3
0.86 times/s
10.000 mF
0.001 mF
1% + 5
0.13 times/s
199.99 mF
0.01 mF
2% + 5
0.006 times/s
*
Accuracy is specified to measure film capacitor or better. Use Relative mode to zero residual.
General Specifications
Parameter
U1701B
Display
4½-digit liquid crystal display (LCD) with a maximum resolution of 11,000 counts and automatic polarity
indication
Power supply
• 9 V Alkaline battery (ANSI/NEDA 1604A or IEC 6LR61)
• AC power adapter and cord available as options
Power consumption
5.6 mA (on battery operation)
Battery life
~80 hours without backlight and based on new alkaline
Operating temperature
Full accuracy at 0 °C to 50 °C
Operating humidity
Up to 80% relative humidity (R.H.) for temperatures up to 31 °C, decreasing linearly to 50% R.H. at 50 °C
Altitude
0 to 2000 m
Storage temperature
–20 °C to 60 °C
Storage humidity
0 to 80% R.H. non-condensing
Temperature coefficient
0.1 x (specified accuracy)/ °C (from 0 °C to 18 °C or 28 °C to 50 °C)
Low battery indicator
will appear when the voltage drops below ~ 6.0 V
Weight
320 g
Dimensions (H x W x D)
184 mm x 87 mm x 41 mm
Safety and EMC
compliance
IEC 61010-1:2001/EN 61010-1:2001 (2nd Edition) Pollution Degree 2,
IEC 61326-2-1:2005/EN 61326-2-1:2006, ICES-001:2004, AS/NZS CISPR11:2004
Calibration
One-year calibration cycle recommended
Warranty
• 3 years
• 3 months for standard shipped accessories


Similar Part No. - U1780A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1780A HP-U1780A Datasheet
523Kb / 11P
   Take your expectations higher with the latest LCR meters
U1780A HP-U1780A Datasheet
502Kb / 11P
   Take your expectations higher with the latest LCR meters
More results

Similar Description - U1780A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1701B KEYSIGHT-U1701B Datasheet
200Kb / 6P
   U1701B Handheld Capacitance Meter
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Keysight Technologies
34411A KEYSIGHT-34411A Datasheet
160Kb / 6P
   Agilent MULTI Meter
logo
Agilent(Hewlett-Packard...
U1210 HP-U1210 Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Roithner LaserTechnik G...
LASERCHECK ROITHNER-LASERCHECK Datasheet
122Kb / 2P
   Handheld Laser Power Meter
logo
Vaisala
GM70 VAISALA-GM70 Datasheet
565Kb / 3P
   GM70 Handheld Carbon Dioxide Meter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com