Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2701A Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # U2701A
Description  Voltage and current programming and readback
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U2701A Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  U2701A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
4
Product Specifications
Model
U2722A/U2723A
Number of outputs
3
Output ratings (at 0 °C to 50 °C)
Voltage
–20 V to 20 V
Current
–120 mA to 120 mA
Performance specification
U2722A/U2723A
Range
Accuracy1
Resolution
Voltage programming
12 months (at 25 °C ± 3 °C), ±(% of output + offset)
±2 V
0.075% + 1.5 mV
0.1 mV
±20 V
0.05% + 10 mV
1 mV
Current programming
12 months (at 25 °C ± 3 °C), ±(% of output + offset)
±1 μA
0.085% + 0.85 nA
100 pA
±10 μA
0.085% + 8.5 nA
1 nA
±100 μA
0.075% + 75 nA
10 nA
±1 mA
0.075% + 750 nA
100 nA
±10 mA
0.075% + 7.5 μA
1 μA
±120 mA
0.1% + 100 μA
20 μA
Voltage readback
12 months (over USB with respect to the actual output at 25 °C ± 3 °C),
±(% of output + offset)
±2 V
0.075% + 1.5 mV
0.1 mV
±20 V
0.05% + 10 mV
1 mV
Current readback
12 months (over USB with respect to the actual output at 25 °C ± 3 °C),
±(% of output + offset)
±1 μA
0.085% + 0.85 nA
100 pA
±10 μA
0.085% + 8.5 nA
1 nA
±100 μA
0.075% + 75 nA
10 nA
±1 mA
0.075% + 750 nA
100 nA
±10 mA
0.075% + 7.5 μA
1 μA
±120 mA
0.1% + 100 μA
20 μA
1. Accuracy measurements are based on NPLC 10.


Similar Part No. - U2701A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U2701A HP-U2701A Datasheet
350Kb / 11P
   U2701A and U2702A USB Modular Oscilloscope
More results

Similar Description - U2701A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
List of Unclassifed Man...
27-400 ETC-27-400 Datasheet
1Mb / 77P
   Assembly Documentation and Programming
logo
STMicroelectronics
UM0225 STMICROELECTRONICS-UM0225 Datasheet
2Mb / 57P
   Configuration and programming software
logo
Maxim Integrated Produc...
MAXREFDES100HDK MAXIM-MAXREFDES100HDK Datasheet
439Kb / 5P
   Programming and Debug Adapter
logo
Linear Technology
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
logo
List of Unclassifed Man...
QV400D ETC2-QV400D Datasheet
785Kb / 73P
   SOUND DEVELOPMENT AND PROGRAMMING TOOL
logo
Linear Technology
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
logo
PHOENIX CONTACT
2865078 PHOENIX-2865078 Datasheet
82Kb / 5P
   Programming during operation and also voltage-free using IFS-USB-PROG-ADAPTER programming adapter
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101 Datasheet
117Kb / 15P
   VOLTAGE AND CURRENT CONTROLLER
logo
Interpion semiconductor
IP103H INTERPION-IP103H Datasheet
232Kb / 11P
   Voltage and Current Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com