Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1583B Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # U1583B
Description  Agilent U1240 Series Handheld Handheld
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1583B Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  U1583B Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7
HANGING KIT
CARRYING CASE
U1171A Magnetic hanging kit
For fastening of DMM to a steel surface so both hands
are free.
U1172A Transit case (aluminium-clad)
The robust casing to transport your DMM and
accessories
• Aluminum-clad, black panel construction
• Dimension: 18” (H) x 13” (W) x 6“ (D)
• Weight: 4 kg
U1174A Soft carrying case
The convenient way to carry your DMM and
essential accessories
• Dimension: 9” (H) x 5” (W) x 3” (D)
MEASURING ACCESSORIES (TEMPERATURE)
U1180A Thermocouple adapter+lead kit, J and
K types
Includes thermocouple adapter, thermocouple bead
J-type and thermocouple bead K-type.
• T/C adapter J/K-type
• T/C bead J-type: –20 °C to 200 °C
• T/C bead K-type: –20 °C to 200 °C
U1183A Air temperature probe
• Type-K T/C for use in air and non-caustic gas
• Measurement range: –50 ºC to 800 ºC
• Includes adapter U1184A for connection to DMM
U1186A K-type thermocouple and adapter
• T/C adapter J/K-type
• T/C bead J-type: –20 °C to 200 °C
U1181A Immersion temperature probe
• Type-K T/C for use in oil and other liquids
• Measurement range: –50 °C to 700 ºC
• Includes adapter U1184A for connection
to DMM
U1184A Temperature probe adapter
• Mini-connector-to-banana-plug adapter for
use with DMM
U1182A Industrial surface temperature probe
• Type-K T/C for use on still surfaces
• Measurement range: –50 ºC to 400 ºC
• Includes adapter U1184A for connection
to DMM
U1185A J-type thermocouple and adapter
• T/C adapter J/K-type
• T/C bead J-type: –20 °C to 200 °C


Similar Part No. - U1583B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1583B HP-U1583B Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
U1583B HP-U1583B Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1583B HP-U1583B Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Similar Description - U1583B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1210 HP-U1210 Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com