Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1183A Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # U1183A
Description  Agilent U1240 Series Handheld Digital Multimeters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1183A Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  U1183A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1183A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1183A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1183A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1183A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1183A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1183A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1183A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1183A Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7
Optional accessories
Measuring accessories (temperature)
U1180A
Thermocouple
adapter+lead kit,
J and K types
Includes thermocouple adapter, thermocouple bead J-type and
thermocouple bead K-type.
• T/C adapter J/K-type
• T/C bead J-type: –20 °C to 200 °C
• T/C bead K-type: –20 °C to 200 °C
U1181A
Immersion
temperature probe
• Type-K T/C for use in oil and other liquids
• Measurement range: –50 °C to 700 ºC
• Includes adapter U1184A for connection to DMM
U1182A
Industrial surface
temperature probe
• Type-K T/C for use on still surfaces
• Measurement range: –50 ºC to 400 ºC
• Includes adapter U1184A for connection to DMM
U1183A
Air temperature
probe
• Type-K T/C for use in air and non-caustic gas
• Measurement range: –50 ºC to 800 ºC
• Includes adapter U1184A for connection to DMM
U1184A
Temperature probe
adapter
• Mini-connector-to-banana-plug adapter for use with DMM
U1185A
J-type thermocouple
and adapter
• T/C adapter J/K-type
• T/C bead J-type: –20 °C to 200 °C
U1186A
K-type
thermocouple and
adapter
• T/C adapter J/K-type
• T/C bead J-type: –20 °C to 200 °C
Carrying case
U1172A
Transit case
(aluminium-clad)
The robust casing to transport your DMM and accessories
• Aluminum-clad, black panel construction
• Dimension: 18 inches (H) x 13 inches (W) x 6 inches (D)
• Weight: 4 kg
U1174A
Soft carrying case
The convenient way to carry your DMM and essential accessories
• Dimension: 9 inches (H) x 5 inches (W) x 3 inches (D)
Hanging kit
U1171A
Magnetic hanging
kit
For fastening the DMM to a steel surface so both hands are free
U1179A IR
Connectivity Bracke
Connect with U1177A IR-to-Bluetooth adapter or U1173A IR-USB
cable
Ordering Information


Similar Part No. - U1183A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1183A HP-U1183A Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1183A HP-U1183A Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1183A HP-U1183A Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Similar Description - U1183A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com