Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63060-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63060-EP
Description  HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63060-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS63060-EP Datasheet HTML 2Page - Texas Instruments TPS63060-EP Datasheet HTML 3Page - Texas Instruments TPS63060-EP Datasheet HTML 4Page - Texas Instruments TPS63060-EP Datasheet HTML 5Page - Texas Instruments TPS63060-EP Datasheet HTML 6Page - Texas Instruments TPS63060-EP Datasheet HTML 7Page - Texas Instruments TPS63060-EP Datasheet HTML 8Page - Texas Instruments TPS63060-EP Datasheet HTML 9Page - Texas Instruments TPS63060-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
PS/SYNC
FB
VIN
VOUT
L1
EN
PG
VAUX
L2
GND
TPS63060-EP
SLVSC92 – DECEMBER 2013
www.ti.com
PIN ASSIGNMENTS
DSC PACKAGE
(TOP VIEW)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
3
I
Enable input. (1 enabled, 0 disabled)
FB
8
I
Voltage feedback of adjustable versions, must be connected to VOUT on fixed output voltage
versions
GND
7
Control / logic ground
L1
1
I
Connection for Inductor
L2
10
I
Connection for Inductor
PS/SYNC
4
I
Enable / disable power save mode (1 disabled, 0 enabled, clock signal for synchronization)
PG
5
O
Output power good (1 good, 0 failure; open drain)
PGND
PowerPAD™
Power ground
VIN
2
I
Supply voltage for power stage
VOUT
9
O
Buck-boost converter output
VAUX
6
Connection for Capacitor
PowerPAD™
Must be soldered to achieve appropriate power dissipation. Must be connected to PGND.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS63060-EP


Similar Part No. - TPS63060-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
More results

Similar Description - TPS63060-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63060 TI1-TPS63060 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060 TI-TPS63060_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6306x High Input Voltage, Buck-Boost Converter With 2-A Switch Current
logo
Maxim Integrated Produc...
MAX77813 MAXIM-MAX77813 Datasheet
1Mb / 30P
   5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801 MAXIM-MAX77801_V01 Datasheet
1Mb / 31P
   5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
logo
Linear Technology
LTC3533 LINER-LTC3533 Datasheet
318Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533_15 Datasheet
323Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
XLSEMI
XL6007 XLSEMI-XL6007 Datasheet
176Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com