Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLI4961-1M Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLI4961-1M
Description  Hall Effect Latch for Industrial Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLI4961-1M Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLI4961-1M Datasheet HTML 4Page - Infineon Technologies AG TLI4961-1M Datasheet HTML 5Page - Infineon Technologies AG TLI4961-1M Datasheet HTML 6Page - Infineon Technologies AG TLI4961-1M Datasheet HTML 7Page - Infineon Technologies AG TLI4961-1M Datasheet HTML 8Page - Infineon Technologies AG TLI4961-1M Datasheet HTML 9Page - Infineon Technologies AG TLI4961-1M Datasheet HTML 10Page - Infineon Technologies AG TLI4961-1M Datasheet HTML 11Page - Infineon Technologies AG TLI4961-1M Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TLI4961-1L
TLI4961-1M
Functional Description
Data Sheet
8
Revision 1.1, 2012-10-15
2
Functional Description
2.1
General
The TLI4961-1 is an integrated Hall effect designed specifically for highly accurate applications with superior
supply voltage capability, and temperature stability of the magnetic thresholds.
2.2
Pin Configuration (top view)
Figure 2-1
Pin Configuration and Center of Sensitive Area
2.3
Pin Description
Table 2-1
Pin Description PG-SOT23-3-15
Pin No.
Symbol
Function
1
VDD
Supply voltage
2
Q
Output
3
GND
Ground
Table 2-2
Pin Description PG-SSO-3-2
Pin No.
Symbol
Function
1
VDD
Supply voltage
2
GND
Ground
3
Q
Output
Center of
Sensitive Area
3
2
1
PG-SSO-3-2
2.08± 0.1
1.35± 0.1
1
1.45± 0.1
0.65± 0.1
2
3
SOT23


Similar Part No. - TLI4961-1M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4963-1M INFINEON-TLI4963-1M Datasheet
691Kb / 17P
   High Precision Automotive Hall Effect Latch
Rev. 1.0, 2015-07-21
TLI4963-1M INFINEON-TLI4963-1M_15 Datasheet
691Kb / 17P
   High Precision Automotive Hall Effect Latch
Rev. 1.0, 2015-07-21
TLI4963-1M INFINEON-TLI4963-1M_16 Datasheet
673Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
TLI4963-2M INFINEON-TLI4963-2M Datasheet
691Kb / 17P
   High Precision Automotive Hall Effect Latch
Rev. 1.0, 2015-07-21
TLI4963-2M INFINEON-TLI4963-2M_15 Datasheet
691Kb / 17P
   High Precision Automotive Hall Effect Latch
Rev. 1.0, 2015-07-21
More results

Similar Description - TLI4961-1M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4946-2L INFINEON-TLV4946-2L Datasheet
1Mb / 16P
   Value Optimized Hall Effect Latch for Industrial and Consumer Applications
Rev1.1, 2010-08-02
TLV4968-1T INFINEON-TLV4968-1T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLI4963-2M INFINEON-TLI4963-2M_16 Datasheet
672Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
TLI4963-1M INFINEON-TLI4963-1M_16 Datasheet
673Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
TLV4961-3T INFINEON-TLV4961-3T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLE4963-1M INFINEON-TLE4963-1M_16 Datasheet
734Kb / 17P
   High Precision Automotive Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-12
TLE4963-2M INFINEON-TLE4963-2M_16 Datasheet
734Kb / 17P
   High Precision Automotive Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-12
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
EM-6011 AKM-EM-6011 Datasheet
543Kb / 13P
   Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com