Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65073-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS65073-Q1
Description  Single Chip Power Solution for Battery Powered Systems
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65073-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65073-Q1 Datasheet HTML 6Page - Texas Instruments TPS65073-Q1 Datasheet HTML 7Page - Texas Instruments TPS65073-Q1 Datasheet HTML 8Page - Texas Instruments TPS65073-Q1 Datasheet HTML 9Page - Texas Instruments TPS65073-Q1 Datasheet HTML 10Page - Texas Instruments TPS65073-Q1 Datasheet HTML 11Page - Texas Instruments TPS65073-Q1 Datasheet HTML 12Page - Texas Instruments TPS65073-Q1 Datasheet HTML 13Page - Texas Instruments TPS65073-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
TPS65070-Q1, TPS65072-Q1, TPS65073-Q1, TPS650732-Q1
SLVSAP7 – JANUARY 2011
www.ti.com
ADC CONVERTER
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range at AD_IN1 to AD_IN4 pin
For full scale measurement
0
2.25
(channel 0 to channel 3)
VIN
Input voltage range internal channel 6 to channel 9
For full scale measurement
0
6
V
Input voltage range on channel4 (TS pin) and channel5
Unipolar measurement of charge current at pin
0
2.25
(ISET pin)
ISET (voltage at ISET)
Iin
AD_IN1 to AD_IN4 input current
0.1
4
mA
Cin
Input capacitance at AD_IN1 to AD_IN4
15
pF
ADC resolution
10
Bits
Differential linearity error
±1
LSB
Offset error
1
5
LSB
Gain error
±8
LSB
Sampling time
220
ms
Conversion time
19
ms
Wait time after enable
Time needed to stabilize the internal voltages
1.5
ms
includes current needed for I2C block
500
mA
Quiescent current, ADC enabled by I2C
Quiescent current, conversion ongoing
1
mA
Reference voltage output on pin BYPASS
–1%
2.260
1%
V
Output current on reference output pin BYPASS
0.1
mA
TOUCH SCREEN INTERFACE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTSREF
Voltage at internal voltage regulator for TSC
2.30
V
TOUCHSCREEN PANEL SPECIFICATIONS
Plate resistance X
Specified by design
200
400
1200
Plate resistance Y
Specified by design
200
400
1200
Resistance between plates contact
180
400
1000
Resistance between plates pressure
180
400
1000
Settling time
Position measurement; 400
Ω, 100 pF
5.5
ms
Capacitance between plates
2
10
nF
Total capacitance at pins TSX1,TSX2,TSY1,TSY2 to GND
100
pF
internal TSC reference resistance
20.9
22
23.1
k
SWITCH MATRIX SPECIFICATIONS
Tgate resistance
Specified by design
111
160
230
PMOS resistance
Specified by design
20
NMOS resistance
Specified by design
20
in TSC standby mode with TSC_M[2..0] =
Quiescent supply current
10
mA
101
POWER PATH
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QUIESCENT CURRENT
Current into AC or USB, AC or USB selected,
IQSPP1
Quiescent current, AC or USB mode
20
mA
no load at SYS
INPUT SUPPLY
Minimum battery voltage for BAT SWITCH
VBATMIN
No input power, BAT_SWITCH on
2.75
V
operation
AC detected when V(AC)–V(BAT) > VIN(DT) ;
VIN(DT)
Input voltage detection threshold
USB detected when
150
mV
V(USB)–V(BAT) > VIN(DT)
AC not detected when V(AC)–V(BAT) <
VIN(NDT)
Input Voltage removal threshold
VIN(NDT) ; USB not detected when
75
mV
V(USB)–V(BAT) < VIN(NDT)
Activated based on settings in CHGCONFIG3
IDISCH
Internal discharge current at AC and USB input
95
mA
Bit 0 and Bit 7
10
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS65070-Q1 TPS65072-Q1 TPS65073-Q1 TPS650732-Q1


Similar Part No. - TPS65073-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65073 TI-TPS65073 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65073 TI-TPS65073 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65073 TI-TPS65073 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731 TI-TPS650731 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS650731 TI-TPS650731 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65073-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com