Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65090ARVNR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65090ARVNR
Description  Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65090ARVNR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65090ARVNR Datasheet HTML 6Page - Texas Instruments TPS65090ARVNR Datasheet HTML 7Page - Texas Instruments TPS65090ARVNR Datasheet HTML 8Page - Texas Instruments TPS65090ARVNR Datasheet HTML 9Page - Texas Instruments TPS65090ARVNR Datasheet HTML 10Page - Texas Instruments TPS65090ARVNR Datasheet HTML 11Page - Texas Instruments TPS65090ARVNR Datasheet HTML 12Page - Texas Instruments TPS65090ARVNR Datasheet HTML 13Page - Texas Instruments TPS65090ARVNR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
TPS65090
SLVSBO6B – JANUARY 2013 – REVISED JULY 2015
www.ti.com
Electrical Characteristics - Charger (continued)
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Switching frequency
1360
1600
1840
kHz
RDSON
High-side switch ON-resistance
25
m
Ω
RDSON
Low-side switch ON-resistance
60
m
Ω
CHARGER - CONTROL
Precharge timer
1600
1800
2000
s
Fast-charge safety timer programming
2
10
h
Fast-charge safety timer accuracy
10%
FASTTIME = 000, default setting
2
FASTTIME = 001
3
FASTTIME = 010
4
FASTTIME = 011
5
I2C programmable values for fast-charge
h
safety timer
FASTTIME = 100
6
FASTTIME = 101
7
FASTTIME = 110
8
FASTTIME = 111
10
Battery detection discharge timer
1
s
Battery detection discharge current
5
20
mA
Battery detection discharge current after
2
mA
timer fault
Battery detection discharge feedback
VFBCL
1.43
1.45
1.47
V
voltage threshold for battery OK
Battery feedback voltage threshold for
1.43
1.45
1.47
V
precharge to fast-charge transition
Battery detection charge timer
0.5
s
Battery detection charge current sense
VSRP - VSRN = 2 mV typical, TJ < 100 °C
0.5
2
3.8
mV
regulation voltage
VSET = 00
1.925
1.95
1.975
VSET = 01
1.975
2
2.025
Battery detection charge feedback voltage
V
threshold for battery OK
VSET = 10
2
2.025
2.05
VSET = 11
2.025
2.05
2.075
Minimum battery feedback voltage for
Voltage at FBC increasing
1.44
1.5
1.54
V
battery good detection
Maximum battery feedback voltage for
Voltage at FBC increasing
2.18
2.25
2.28
V
battery good detection
Battery cell temperature measurement, ratio
of VTS1,2 compared to VREFTS, I
2C
Sensor temperature is -10°C, T_SET = 000
71.9%
72.4%
72.9%
programming option for T1
Sensor temperature is -10°C, voltage
Voltage ratio threshold hysteresis
0.2%
decreasing
Battery cell temperature measurement, ratio
Default value, Sensor temperature is 0°C,
T1
70.4%
71%
71.5%
of VTS1,2 compared to VREFTS
T_SET = 001
Sensor temperature is 0°C, voltage
Voltage ratio threshold hysteresis
0.2%
decreasing
Battery cell temperature measurement, ratio
Default value, Sensor temperature is 10°C,
T2
68.1%
68.7%
69.2%
of VTS1,2 compared to VREFTS
T_SET = 010
Sensor temperature is 10°C, voltage
Voltage ratio threshold hysteresis
0.4%
decreasing
Battery cell temperature measurement, ratio
of VTS1,2 compared to VREFTS, I
2C
Sensor temperature is 15°C, T_SET = 011
67%
67.4%
67.9%
programming option for T2
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS65090


Similar Part No. - TPS65090ARVNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65090ARVNR TI-TPS65090ARVNR Datasheet
2Mb / 66P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In Series
TPS65090ARVNR TI-TPS65090ARVNR Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
More results

Similar Description - TPS65090ARVNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65090RVNR TI-TPS65090RVNR Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090A TI-TPS65090A Datasheet
2Mb / 66P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In Series
logo
Mean Well Enterprises C...
NCP-3200 MEANWELL-NCP-3200 Datasheet
349Kb / 10P
   3200W Rack Mountable Front End Rectifier & Battery Charger 2-in-1
2023-02-17
logo
Texas Instruments
BQ24314C TI1-BQ24314C Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
BQ24311 TI1-BQ24311 Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
logo
STMicroelectronics
L6566A STMICROELECTRONICS-L6566A Datasheet
494Kb / 51P
   Multi-mode controller for SMPS with PFC front-end
L6566A STMICROELECTRONICS-L6566A_08 Datasheet
543Kb / 51P
   Multi-mode controller for SMPS with PFC front-end
logo
Active-Semi, Inc
ACT3704 ACTIVE-SEMI-ACT3704 Datasheet
452Kb / 15P
   12V Linear-Mode Battery Charger for Li/Li-polymer Cells
Rev2, 26-Jul-07
logo
WAGO Kontakttechnik Gmb...
787-1675 WAGO-787-1675 Datasheet
524Kb / 10P
   Switched-mode power supply with integrated charger and controller
logo
Mean Well Enterprises C...
DBR-3200 MEANWELL-DBR-3200 Datasheet
187Kb / 6P
   3200W Rack Mountable Front End Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com