Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65138A Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS65138A
Description  Dual output AMOLED Display Power Supply
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65138A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65138A Datasheet HTML 5Page - Texas Instruments TPS65138A Datasheet HTML 6Page - Texas Instruments TPS65138A Datasheet HTML 7Page - Texas Instruments TPS65138A Datasheet HTML 8Page - Texas Instruments TPS65138A Datasheet HTML 9Page - Texas Instruments TPS65138A Datasheet HTML 10Page - Texas Instruments TPS65138A Datasheet HTML 11Page - Texas Instruments TPS65138A Datasheet HTML 12Page - Texas Instruments TPS65138A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
VPOS
VNEG
CTRL
8ms Typ.
TPS65138
TPS65138A
www.ti.com
SLVSAV3C – APRIL 2011 – REVISED MAY 2012
DETAIL DESCRIPTION
The TPS65138 consists of a boost converter and an inverting buck boost converter. The positive output is fixed
at 4.62V. Negative output is programmable by a digital interface, and TPS65138 has the range of -2.2V to
approximately -6.2V and TPS65138A has the range of -2.2V to approximately -5.2V. Both TPS65138 and
TPS65138A have -4.9V of the default negative output. The transition time of the negative output is adjustable by
the CT pin capacitor.
SOFT START and START-UP SEQUENCE
The device has soft start to limit in rush current. When the device is enabled by CTRL pin going HIGH, the boost
converter starts with reduced switch current limit. 8 ms after CTRL HIGH, Buck boost converter starts with the
default value. VNEG default is –4.9 V. The typical start-up sequence is shown in Figure 8.
Figure 8. Start-up Sequence
SHORT CIRCUIT PROTECTION
The device is protected against short circuits of the outputs to ground and short circuit of the outputs each other.
During normal operation, an error condition is detected if VPOS falls below 3.7 V for more than 3 ms or VNEG is
above -1 V for more than 3 ms. In either case, the device goes into shutdown and this state is latched. Input and
outputs are disconnected. To resume normal operation, VIN has to cycle below UVLO or CTRL has to toggle
LOW and HIGH.
During start up, an error condition is detected in the following cases:
VPOS is not in regulation 8ms after CTRL goes HIGH.
VNEG is higher than threshold level of 8ms after CTRL goes HIGH.
VNEG is not in regulation 16ms after CTRL goes HIGH.
For these cases, the device goes into shutdown and this state is latched. Input and outputs are disconnected. To
resume normal operation, VIN has to cycle below UVLO or CTRL has to toggle LOW and HIGH.
ENABLE (CTRL PIN)
The CTRL pin serves two functions. One is to enable and disable the device the other is the output voltage
programming of the device. If the digital interface is not required the CTRL pin can be used as a standard enable
pin for the device and the device will come up with its default value on VNEG of -4.9V. When CTRL is pulled high,
the device is enabled. The device is shut down with CTRL low.
DIGITAL INTERFACE (CTRL PIN)
The digital interface allows programming the negative output voltage VNEG in digital steps. If the digital output
voltage setting is not required then the CTRL pin can also be used as a standard enable pin. The digital output
voltage programming of VNEG is implemented by a simple digital interface with the timing shown in Figure 9.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65138 TPS65138A


Similar Part No. - TPS65138A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65138 TI1-TPS65138 Datasheet
370Kb / 8P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
4-May-2012
TPS65138DRCR TI1-TPS65138DRCR Datasheet
370Kb / 8P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
4-May-2012
More results

Similar Description - TPS65138A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS65632 Triple-Output AMOLED Display Power Supply
TPS65137ADSCR TI-TPS65137ADSCR Datasheet
979Kb / 22P
[Old version datasheet]   200mA Dual Output AMOLED Display Power
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
[Old version datasheet]   TPS65651 Triple-Output AMOLED Display Power Supply
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
logo
Richtek Technology Corp...
RT4723P RICHTEK-RT4723P Datasheet
1Mb / 16P
   Dual Output AMOLED Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com