Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP40-4815SFR(3,4) Datasheet(PDF) 1 Page - Recom International Power

Part # RP40-4815SFR(3,4)
Description  1.6kVDC Isolation for 24Vin and 48Vin
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-4815SFR(3,4) Datasheet(HTML) 1 Page - Recom International Power

  RP40-4815SFR(3,4) Datasheet HTML 1Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 2Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 3Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 4Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 5Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 6Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 7Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 8Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
Regulated
Converters
• Wide 4:1 Input Voltage Range
• 1.6kVDC Isolation for 24Vin and 48Vin,
3kVDC Isolation for 110Vin
• Efficiency up to 92%
• Six-Sided Continuous Shield
• UL60950-1 AM2 Certified, EN50155 Certified
PD-1
REV.: 1/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP40-FR series wide range input DC/DC converters have been especially designed for railway
applications and are EN50155 certified. They are also certified to UL60950-1 and cUL 60950-1, this
makes them ideal for all high input voltage telecom and industrial applications where approved safety
standards are required.
40 Watt
2“ x 1“
Single & Dual
Output
RP40-FR
Selection Guide
Part Number
Input
Output
Output
Input (1) Efficiency (1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load (2)
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP40-243.3SFR(3,4)
9-36
3.3
10000
1528
90
26600
RP40-2405SFR(3,4)
9-36
5
8000
1832
91
20000
RP40-2412SFR(3,4)
9-36
12
3333
1811
92
3900
RP40-2415SFR(3,4)
9-36
15
2666
1811
92
2600
RP40-2424SFR(3,4)
9-36
24
1666
1831
91
1300
RP40-483.3SFR(3,4)
18-75
3.3
10000
764
90
26600
RP40-4805SFR(3,4)
18-75
5
8000
916
91
20000
RP40-4812SFR(3,4)
18-75
12
3333
906
92
3900
RP40-4815SFR(3,4)
18-75
15
2666
906
92
2600
RP40-4824SFR(3,4)
18-75
24
1666
915
91
1300
RP40-1103.3SFR(3,4)
43-160
3.3
10000
341
88
26600
RP40-11005SFR(3,4)
43-160
5
8000
409
89
20000
RP40-11012SFR(3,4)
43-160
12
3333
402
90.5
3900
RP40-11015SFR(3,4)
43-160
15
2666
400
91
2600
RP40-11024SFR(3,4)
43-160
24
1666
404
90
1300
RP40-2412DFR(3,4)
9-36
±12
±1666
926
90
±2600
RP40-2415DFR(3,4)
9-36
±15
±1333
926
90
±1600
RP40-2424DFR(3,4)
9-36
±24
±833
915
91
±650
RP40-4812DFR(3,4)
18-75
±12
±1666
463
90
±2600
RP40-4815DFR(3,4)
18-75
±15
±1333
370
90
±1600
RP40-4824DFR(3,4)
18-75
±24
±833
286
91
±650
RP40-11012DFR(3,4)
43-160
±12
±1666
204
89
±2600
RP40-11015DFR(3,4)
43-160
±15
±1333
204
89
±1600
RP40-11024DFR(3,4)
43-160
±24
±833
200
91
±650
Model Numbering
Ordering Examples
RP40-2405SFR/P = 24V Input, 5V Output, Positive Logic CTRL pin and Trim pin fitted
RP40-2415SFR/N = 24V Input, 15V Output, Negative Logic CTRL pin and Trim pin fitted
Input Voltage
Output Voltage
Single or Dual
RP40-__ __ _FR/_ _
Notes:
Note1: Values at nominal input voltage and full load
Note2: Test by minimum Vin and constant resistor load.
EN50155 Certified
UL60950-1 AM2 Certified
E196683
Notes:
Note3: standard part is with suffix “P” for positive logic (1=ON, 0=OFF)
or add suffix “N” instead for negative logic (0=ON, 1=OFF)
Note4: add suffix “-HC” for premounted Heat-sink with clamps
Package (4)
CTRL Logic (3)


Similar Part No. - RP40-4815SFR(3,4)

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-4815SE RECOM-RP40-4815SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-4815SE RECOM-RP40-4815SE Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-4815SG RECOM-RP40-4815SG Datasheet
110Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP40-4815SG RECOM-RP40-4815SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-4815SG RECOM-RP40-4815SG Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-4815SFR(3,4)

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
logo
Minmax Technology Co., ...
MSDEU02-HI MINMAX-MSDEU02-HI Datasheet
576Kb / 4P
   qualified for igbt and high isolation applications
logo
Vicor Corporation
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
logo
C&D Technologies
QUS20-120-NVDRC CANDD-QUS20-120-NVDRC Datasheet
164Kb / 8P
   BUS CONVERTER 48Vin, 12Vout @ 20A
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W_V02 Datasheet
763Kb / 3P
   3W 1.6KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Vicor Corporation
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A48C400B VICOR-V24A48C400B Datasheet
151Kb / 8P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
   24Vin / 5Vout / 200Watts DC-DC Converter Module
logo
Bothhand USA, LP.
PG4P609BN-A-LF BOTHHAND-PG4P609BN-A-LF Datasheet
153Kb / 2P
   Cable interface for isolation and low common mode emissions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com