Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP40-4815SFR(3,4) Datasheet(PDF) 5 Page - Recom International Power

Part # RP40-4815SFR(3,4)
Description  1.6kVDC Isolation for 24Vin and 48Vin
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-4815SFR(3,4) Datasheet(HTML) 5 Page - Recom International Power

  RP40-4815SFR(3,4) Datasheet HTML 1Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 2Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 3Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 4Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 5Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 6Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 7Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 8Page - Recom International Power RP40-4815SFR(3,4) Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DC/DC Converter
Specifications (measured @ ta = 25°C, nominal input voltage, full load otherwise noted)
RP40-FR
Series
PD-5
REV.: 1/2016
www.recom-power.com
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
15.15
15.3
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
Volts
R
U =
419.81
199.91
126.60
89.95
67.96
53.30
42.83
34.98
28.87
23.98
KOhms
Trim up
11
12
13
14
15
16
17
18
19
20
%
Vout =
16.650
16.800
16.950
17.100
17.250
17.400
17.550
17.700
17.850
18.000
Volts
R
U =
19.98
16.65
13.83
11.42
9.32
7.49
5.87
4.43
3.15
1.99
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
14.850
14.700
14.550
14.400
14.250
14.000
13.750
13.500
13.250
13.000
Volts
R
D =
284.89
128.68
76.61
50.58
34.96
24.55
17.11
11.53
7.19
3.72
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
24.240
24.480
24.720
24.960
25.200
25.440
25.680
25.920
26.160
26.400
Volts
R
U =
1275.2
606.60
383.73
272.30
205.44
160.87
129.03
105.15
86.58
71.72
KOhms
Trim up
11
12
13
14
15
16
17
18
19
20
%
Vout =
26.640
26.880
27.120
27.360
27.600
27.840
28.080
28.320
28.560
28.800
Volts
R
U =
59.56
49.43
40.86
33.51
27.15
21.57
16.66
12.29
8.38
4.86
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
23.760
23.520
23.280
23.040
22.800
22.560
22.320
22.080
21.840
21.600
Volts
R
D =
838.15
376.78
222.98
146.09
99.95
69.19
47.22
30.74
17.93
7.68
KOhms
RP40-xx15SFR
RP40-xx24SFR
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.3Vout
5Vout
12Vout
15Vout
24Vout
3.9VDC
6.2VDC
15VDC
20VDC
30VDC
Over Load Protection (OLP)
% Iout rated
150% typ., Hiccup Mode
Over Temperature Protection (OTP)
115°C
Isolation Voltage
24Vin, 48Vin
I/P to O/P
I/P to O/P to Case
1.6kVDC/1min.
1.6kVDC/1min.
110Vin
I/P to O/P
I/P to O/P to Case
3kVDC/1min.
1.6kVDC/1min.
Isolation Resistance
500VDC
1G
Ω min.
Isolation Capacitance
1500pF max.
Notes:
Note6: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - RP40-4815SFR(3,4)

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-4815SE RECOM-RP40-4815SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-4815SE RECOM-RP40-4815SE Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-4815SG RECOM-RP40-4815SG Datasheet
110Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP40-4815SG RECOM-RP40-4815SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-4815SG RECOM-RP40-4815SG Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-4815SFR(3,4)

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
logo
Minmax Technology Co., ...
MSDEU02-HI MINMAX-MSDEU02-HI Datasheet
576Kb / 4P
   qualified for igbt and high isolation applications
logo
Vicor Corporation
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
logo
C&D Technologies
QUS20-120-NVDRC CANDD-QUS20-120-NVDRC Datasheet
164Kb / 8P
   BUS CONVERTER 48Vin, 12Vout @ 20A
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W_V02 Datasheet
763Kb / 3P
   3W 1.6KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Vicor Corporation
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A48C400B VICOR-V24A48C400B Datasheet
151Kb / 8P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
   24Vin / 5Vout / 200Watts DC-DC Converter Module
logo
Bothhand USA, LP.
PG4P609BN-A-LF BOTHHAND-PG4P609BN-A-LF Datasheet
153Kb / 2P
   Cable interface for isolation and low common mode emissions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com