Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP40-2424DFR(3,4) Datasheet(PDF) 11 Page - Recom International Power

Part # RP40-2424DFR(3,4)
Description  1.6kVDC Isolation for 24Vin and 48Vin
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-2424DFR(3,4) Datasheet(HTML) 11 Page - Recom International Power

Back Button RP40-2424DFR(3,4) Datasheet HTML 3Page - Recom International Power RP40-2424DFR(3,4) Datasheet HTML 4Page - Recom International Power RP40-2424DFR(3,4) Datasheet HTML 5Page - Recom International Power RP40-2424DFR(3,4) Datasheet HTML 6Page - Recom International Power RP40-2424DFR(3,4) Datasheet HTML 7Page - Recom International Power RP40-2424DFR(3,4) Datasheet HTML 8Page - Recom International Power RP40-2424DFR(3,4) Datasheet HTML 9Page - Recom International Power RP40-2424DFR(3,4) Datasheet HTML 10Page - Recom International Power RP40-2424DFR(3,4) Datasheet HTML 11Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Quantity
without Heat-sink
with Heat-sink
Tube
Tray
9pcs
20pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% - 95% RH
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
CTRL
CTRL
4
+Vout
+Vout
5
-Vout
Com
6
Trim
-Vout
Pin Pitch Tolerance ±0.25mm
Pin dimension tolerance ±0.1mm
XX.X ± 0.5mm
XX.XX ± 0.25mm
Dimension Drawing (mm)
Dimension Drawing with Heat-sink (mm)
3
2
1
6
5
4
Bottom View
50.8
45.72
25.4
ø1.0
ø1.0
25.4
50.00
1.40
1.30
Top View
45.72
56.8
DC/DC Converter
Specifications (measured @ ta = 25°C, nominal input voltage, full load otherwise noted)
RP40-FR
Series
PD-11
REV.: 1/2016
www.recom-power.com


Similar Part No. - RP40-2424DFR(3,4)

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-242.5SG RECOM-RP40-242.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-242.5SG RECOM-RP40-242.5SG Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-2424DFR(3,4)

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
logo
Minmax Technology Co., ...
MSDEU02-HI MINMAX-MSDEU02-HI Datasheet
576Kb / 4P
   qualified for igbt and high isolation applications
logo
Vicor Corporation
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
logo
C&D Technologies
QUS20-120-NVDRC CANDD-QUS20-120-NVDRC Datasheet
164Kb / 8P
   BUS CONVERTER 48Vin, 12Vout @ 20A
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W_V02 Datasheet
763Kb / 3P
   3W 1.6KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Vicor Corporation
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A48C400B VICOR-V24A48C400B Datasheet
151Kb / 8P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
   24Vin / 5Vout / 200Watts DC-DC Converter Module
logo
Bothhand USA, LP.
PG4P609BN-A-LF BOTHHAND-PG4P609BN-A-LF Datasheet
153Kb / 2P
   Cable interface for isolation and low common mode emissions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com