Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP40-11012DFR(3,4) Datasheet(PDF) 6 Page - Recom International Power

Part # RP40-11012DFR(3,4)
Description  1.6kVDC Isolation for 24Vin and 48Vin
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-11012DFR(3,4) Datasheet(HTML) 6 Page - Recom International Power

Back Button RP40-11012DFR(3,4) Datasheet HTML 2Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 3Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 4Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 5Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 6Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 7Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 8Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 9Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 10Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E196683
UL60950-1, 2nd Edition AM:2, 2014
CSA C22.2 No. 60950-1-07
Railway Applications - Electrical Equipment used on rolling stock
15A100702E-C
EN50155, 2007
EMI Compliance
Condition
Standard / Criterion
Industrial, scientific and medical equipment - Radio frequency disturbance
characteristics - Limits and methods of measurement (8)
with external filter
EN50121-3-2, Class A
EN55011, Class A or B
ESD Electrostatic discharge immunity test
Radiated, radio-frequency, electromagnetic field immunity test
Fast Transient and Burst Immunity (9)
Surge Immunity (9)
Immunity to conducted disturbances, induced by radio-frequency fields
Power Magnetic Field Immunity
Air ±8kV and Contact ±6kV
20 V/m
±2kV
±2kV
10 Vr.m.s
100A/m continuous; 1000A/m 1s
EN61000-4-2, Criteria A
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
EN61000-4-8, Criteria A
continued on next page
PD-6
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta = 25°C, nominal input voltage, full load otherwise noted)
RP40-FR
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating, without Heat-Sink
with derating
-40°C to +60°C
-40°C to +105°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.02%/°C max.
Thermal Impedance
Natural convection, without Heat-sink
Natural convection, with Heat-sink
10.8°C/W
10.3°C/W
Operating Humidity
5% - 95% RH
Shock
EN61373, MIL-STD-810F
Thermal Shock
MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
Fire protection on railway vehicles
according to EN45545-2, 2013 standard
MTBF
according to MIL-HDBK-217F standard
907.3 x 103h
Notes:
Note7: Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-
number not shown here please contact our technical support service at techsupportAT@recom-power.com
-40
60
80 100
105
120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
-40
60
80
65
100
105
120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
RP40-2415SFR
RP40-2415SFR-HC
Derating Graph(7)
(@ Chamber and natural convection 0.1m/s)


Similar Part No. - RP40-11012DFR(3,4)

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-120512TE RECOM-RP40-120512TE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-120512TE RECOM-RP40-120512TE Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-120512TG RECOM-RP40-120512TG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-120512TG RECOM-RP40-120512TG Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-120512TG RECOM-RP40-120512TG Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
More results

Similar Description - RP40-11012DFR(3,4)

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
logo
Minmax Technology Co., ...
MSDEU02-HI MINMAX-MSDEU02-HI Datasheet
576Kb / 4P
   qualified for igbt and high isolation applications
logo
Vicor Corporation
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
logo
C&D Technologies
QUS20-120-NVDRC CANDD-QUS20-120-NVDRC Datasheet
164Kb / 8P
   BUS CONVERTER 48Vin, 12Vout @ 20A
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W_V02 Datasheet
763Kb / 3P
   3W 1.6KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Vicor Corporation
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A48C400B VICOR-V24A48C400B Datasheet
151Kb / 8P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
   24Vin / 5Vout / 200Watts DC-DC Converter Module
logo
Bothhand USA, LP.
PG4P609BN-A-LF BOTHHAND-PG4P609BN-A-LF Datasheet
153Kb / 2P
   Cable interface for isolation and low common mode emissions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com