Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65230 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS65230
Description  POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65230 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65230_15 Datasheet HTML 1Page - Texas Instruments TPS65230_15 Datasheet HTML 2Page - Texas Instruments TPS65230_15 Datasheet HTML 3Page - Texas Instruments TPS65230_15 Datasheet HTML 4Page - Texas Instruments TPS65230_15 Datasheet HTML 5Page - Texas Instruments TPS65230_15 Datasheet HTML 6Page - Texas Instruments TPS65230_15 Datasheet HTML 7Page - Texas Instruments TPS65230_15 Datasheet HTML 8Page - Texas Instruments TPS65230_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TPS65230, TPS65231
www.ti.com.................................................................................................................................... SLVSA10A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
• Supply Voltage Supervisor Circuit with Two
Monitor Inputs and Open Drain Output
• Wide Input Supply Voltage Range
(10.8 V - 22 V)
• Parallel I/O or I2C Control with User Selectable
Address
• One Adjustable PWM Buck Controller
• Advanced Fault Detection and Output Voltage
10.8-V - 22-V Input Voltage Range
Adjustment Options in I2C Mode
3.3-V - 6.1-V Output Voltage Range
• Pull-Up Current Sources on Buck Enable Pins
500kHz switching frequency
for Accurate Start-Up Timing Control with
Type III Compensation
Preset Default
Programmable Current Limit
• Over Current Protection on All Rails
• Two Adjustable Step-Down Converter with
• Thermal Shutdown to Protect Device During
Integrated Switching FETs:
Excessive Power Dissipation
4.75-V - 5.5-V Input
• Thermally Enhanced Package for Efficient
0.9-V-3.3-V Output Voltage Range
Heat Management (48-pin HTSSOP)
3-A Output Current
1-MHz Switching Frequency
• Digital Set Top Boxes
Voltage Scaling Option
• xDSL & Cable Modems
Type III Compensation
• DVD Players
• Two 100-mΩ, 0.5-A (TPS65230) 1-A (TPS65231)
• Home Gateway and Access Point Networks
USB Switches with Over Current Protection
• Wireless Routers
and Open-Drain Fault Pin
• Early Supply Failure Flag (Open Drain Output)
is Set when Input Voltage Drops Below 9.3 V
• Early Temperature Warning Flag (Open Drain
Output) is Set if Temperature Approaches
Shut-Down Threshold
The TPS652x provides one PWM buck controller, two adjustable, synchronous buck regulators, two independent
USB power switches and a supply voltage supervisor (SVS) to provide main power functions for satellite set top
boxes, xDSL and cable modem applications operating off a single 12- to 22-V supply.
The SMPS have integrated switching FETs for optimized power efficiency and reduced external component
count. Each USB switch provides up to 0.5-A (TPS65230) or 1-A (TPS65231) of current as required by
downstream USB devices. All power blocks have thermal and over current/short circuit protection.
The SVS provides two inputs for monitoring positive supply rails. The active-low open-drain output remains low
for at least 180 ms after all supply rails rise above their rising edge threshold. Threshold value for VMON1 input
is set for monitoring a 3.3-V rail without the need for additional external components. Threshold for VMON2 input
is set to 0.8 V and requires resistor dividers on the input to monitor any positive voltage in the system. The
nBOR/nHOT open-drain output is pulled low if the input supply drops below 9.3 V or the chip temperature
approaches the thermal shutdown limit. This allows the system processor to save critical data and shut down
gracefully before the supply fails.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended for New Designs


Similar Part No. - TPS65230_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65230A2DCA TI-TPS65230A2DCA Datasheet
937Kb / 26P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
TPS65230A2DCAR TI-TPS65230A2DCAR Datasheet
937Kb / 26P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
More results

Similar Description - TPS65230_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65230 TI-TPS65230 Datasheet
937Kb / 26P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
logo
ETA SOLUTIONS CO. LIMIT...
ETA9020 ETA-ETA9020 Datasheet
190Kb / 1P
   3-Channel Power Management Units for ADSL Modems & Set-top Boxes
logo
STMicroelectronics
DTTI5516 STMICROELECTRONICS-DTTI5516 Datasheet
87Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
QAMI5516 STMICROELECTRONICS-QAMI5516 Datasheet
54Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
March 2004
logo
ANADIGICS, Inc
APS3606 ANADIGICS-APS3606 Datasheet
369Kb / 8P
   Active Splitter for Analog/Digital CATV Set-Top Boxes
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
ANADIGICS, Inc
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3608 ANADIGICS-APS3608 Datasheet
177Kb / 12P
   Active Splitter for CATV Set-Top Boxes
logo
RFHIC
AD211 RFHIC-AD211 Datasheet
246Kb / 6P
   Multi Tuner Set-Top Boxes
AD254 RFHIC-AD254 Datasheet
256Kb / 6P
   Multi Tuner Set-Top Boxes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com