Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65262RHBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65262RHBR
Description  4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 200-mA/100-mA LDOs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65262RHBR Datasheet(HTML) 5 Page - Texas Instruments

  TPS65262RHBR Datasheet HTML 1Page - Texas Instruments TPS65262RHBR Datasheet HTML 2Page - Texas Instruments TPS65262RHBR Datasheet HTML 3Page - Texas Instruments TPS65262RHBR Datasheet HTML 4Page - Texas Instruments TPS65262RHBR Datasheet HTML 5Page - Texas Instruments TPS65262RHBR Datasheet HTML 6Page - Texas Instruments TPS65262RHBR Datasheet HTML 7Page - Texas Instruments TPS65262RHBR Datasheet HTML 8Page - Texas Instruments TPS65262RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
TPS65262
www.ti.com
SLVSCF9C – JANUARY 2014 – REVISED JULY 2014
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (operating in a typical application circuit)
(1)
MIN
MAX
UNIT
VIN1, VIN2, VIN3, LVIN1, LVIN2
–0.3
20
LX1, LX2, LX3 (Maximum withstand voltage transient <20 ns)
–1.0
20
BST1, BST2, BST3 referenced to LX1, LX2, LX3 pins respectively
–0.3
7
Voltage at
MODE, LEN1, LEN2, EN1, EN2, EN3, PGOOD, V7V
–0.3
7
V
LOUT1, LOUT2
–0.3
7
FB1, FB2, FB3, LFB1, LFB2, COMP1 , SS1
–0.3
3.6
AGND, PGND1, PGND2, PGND3
–0.3
0.3
TJ
Operating junction temperature
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–55
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(2)
–2000
2000
Electrostatic
V(ESD)
(1)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(3)
–500
500
(1)
Electrostatic discharge (ESD) to measure device sensitivity/immunity to damage caused by assembly line electrostatic discharges into
the device.
(2)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as 1 kV
may actually have higher performance.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as 250 V
may actually have higher performance.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN1, VIN2, VIN3
4.5
18
LX1, LX2, LX3 (maximum withstand voltage transient <20 ns)
–0.8
18
BST1, BST2, BST3 referenced to LX1, LX2, LX3 pins respectively
–0.1
6.8
Voltage
V
MODE, LEN1, LEN2, EN1, EN2, EN3, PGOOD, V7V
–0.1
6.3
FB1, FB2, FB3, LFB1, LFB2, COMP1 , SS1
–0.1
3
LOUT1, LOUT2, LVIN1, LVIN2
–0.1
18
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65262


Similar Part No. - TPS65262RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65262 TI-TPS65262 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65262 TI1-TPS65262 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65262 TI1-TPS65262 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65262-1 TI1-TPS65262-1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65262-1 TI1-TPS65262-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65262RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65262-1 TI1-TPS65262-1_16 Datasheet
1Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65262-1 TI-TPS65262-1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS65262-1, 4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65276 TI-TPS65276_15 Datasheet
734Kb / 33P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65279 TI-TPS65279_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS65279 4.5- to 18-V Input, 5-A/5-A Dual Synchronous Step-Down Converter With Current Sharing
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com