Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65217CRSLR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65217CRSLR
Description  Single-Chip PMIC for Battery-Powered Systems
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65217CRSLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65217CRSLR Datasheet HTML 3Page - Texas Instruments TPS65217CRSLR Datasheet HTML 4Page - Texas Instruments TPS65217CRSLR Datasheet HTML 5Page - Texas Instruments TPS65217CRSLR Datasheet HTML 6Page - Texas Instruments TPS65217CRSLR Datasheet HTML 7Page - Texas Instruments TPS65217CRSLR Datasheet HTML 8Page - Texas Instruments TPS65217CRSLR Datasheet HTML 9Page - Texas Instruments TPS65217CRSLR Datasheet HTML 10Page - Texas Instruments TPS65217CRSLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
TPS65217
www.ti.com
SLVSB64G – NOVEMBER 2011 – REVISED JANUARY 2015
Recommended Operating Conditions (continued)
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TPS65217A
0
200
TPS65217B
0
200
Output current LS1/LDO3, LS2/LDO4 configured as LDOs
mA
TPS65217C
0
400
TPS65217D
0
400
Output current LS1/LDO, LS2/LDO4 configured as load switches
0
200
mA
8.4 Electrical Characteristics
VBAT = 3.6 V ±5%, TJ = 27ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE AND CURRENTS
USB or AC supply connected
0
5.5
VBAT
Battery input voltage range
V
USB and AC not connected
2.75
5.5
VAC
AC adapter input voltage range
Valid range for charging
4.3
5.8
V
VUSB
USB input voltage range
Valid range for charging
4.3
5.8
V
UVLO[1:0] = 00
2.73
Measured in respect to
UVLO[1:0] = 01
2.89
Under voltage lock-out
VBAT; supply falling;
V
UVLO[1:0] = 10
3.18
VAC = VUSB = 0 V
VUVLO
UVLO[1:0] = 11
3.3
Accuracy
-2%
2%
Deglitch time
Not tested in production
4
6
ms
VBAT < VUVLO; Device shuts down when VAC,
VOFFSET
AC/USB UVLO offset
200
mV
VUSB drop below VUVLO + VOFFSET
OFF current,
IOFF
Total current into VSYS, VINDCDCx,
All rails disabled, TA = 27°C
6
µA
VINLDO
Sleep current,
LDO1 and LDO2 enabled, no load.
ISLEEP
Total current into VSYS, VINDCDCx,
All other rails disabled.
80
106
µA
VINLDO
VSYS = 4 V, TA = 0.105°C
POWER PATH USB/AC DETECTION LIMITS
AC/USB valid
VBAT > VUVLO
when VAC/USB -
190
mV
VBAT > VIN(DT)
VIN(DT)
AC/USB voltage detection threshold
AC/USB valid
VBAT < VUVLO
when VAC/USB >
4.3
V
VIN(DT)
AC/USB invalid
VBAT > VUVLO
when VAC/USB -
125
mV
VBAT < VIN(DT)
AC/USB voltage removal detection
VIN(NDT)
threshold
AC/USB invalid
VUVLO +
VBAT < VUVLO
when VAC/USB <
V
VOFFSET
VIN(DT)
Voltage rising from 100 mV to 4.5 V. If rise time
TRISE
VAC, VUSB rise time
50
ms
is exceeded, device may not power-up.
AC or USB voltage increasing;
TDG(DT)
Power detected deglitch
22.5
ms
Not tested in production
VIN(OVP)
Input over voltage detection threshold
USB and AC input
5.8
6
6.4
V
POWER PATH TIMING
TSW(PSEL)
Switching from AC to USB
Not tested in production
150
µs
POWER PATH MOSFET CHARACTERISTICS
VDO, AC
AC input switch dropout voltage
IAC[1:0] = 11 (2.5 A), ISYS = 1 A
150
mV
IUSB[1:0] = 01 (500 mA), ISYS = 500 mA
100
VDO, USB
USB input switch dropout voltage
mV
IUSB[1:0] = 10 (1300 mA), ISYS = 800 mA
160
VDO, BAT
Battery switch dropout voltage
VBAT = 3 V, IBAT = 1 A
60
mV
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65217


Similar Part No. - TPS65217CRSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217CRSLR TI1-TPS65217CRSLR Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217CRSLR TI1-TPS65217CRSLR Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217CRSLR TI-TPS65217CRSLR Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
More results

Similar Description - TPS65217CRSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com