Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65263 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65263
Description  4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65263 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65263 Datasheet HTML 2Page - Texas Instruments TPS65263 Datasheet HTML 3Page - Texas Instruments TPS65263 Datasheet HTML 4Page - Texas Instruments TPS65263 Datasheet HTML 5Page - Texas Instruments TPS65263 Datasheet HTML 6Page - Texas Instruments TPS65263 Datasheet HTML 7Page - Texas Instruments TPS65263 Datasheet HTML 8Page - Texas Instruments TPS65263 Datasheet HTML 9Page - Texas Instruments TPS65263 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
TPS65261, TPS65261-1
SLVSCD3B – DECEMBER 2013 – REVISED MAY 2014
www.ti.com
7.5 Electrical Characteristics
TA = 25°C, VIN = 12 V, fSW = 600 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY VOLTAGE
VIN
Input voltage range
4.5
18
V
VIN rising
4
4.25
4.5
V
UVLO
VIN under-voltage lockout
VIN falling
3.5
3.75
4
Hysteresis
500
mV
IDDSDN
Shutdown supply current
EN1=EN2=EN3=MODE=0V
9.2
µA
EN1=EN2=EN3=5V,
IDDQ_NSW
605
µA
FB1=FB2=FB3=0.8V
Input quiescent current without
IDDQ_NSW1
EN1=5V, EN2=EN3=0V, FB1=0.8V
330
µA
buck1/2/3 switching
IDDQ_NSW2
EN2=5V, EN1=EN3=0V, FB2=0.8V
330
µA
IDDQ_NSW3
EN3=5V, EN1=EN2=0V, FB3=0.8V
330
µA
V7V
V7V LDO output voltage
V7V load current=0A
6
6.3
6.6
V
IOCP_V7V
V7V LDO current limit
175
mA
FEEDBACK VOLTAGE REFERENCE
VCOMP = 1.2 V, TJ = 25°C
0.596
0.6
0.605
V
VFB
Feedback voltage
VCOMP = 1.2 V, TJ = -40°C to 125°C
0.594
0.6
0.606
V
IOUT1 = 1.5A, IOUT2 = 1A, IOUT3 = 1A
VLINEREG_BUCK
Line regulation-DC
0.002
%/V
5V < PVINx < 18V
VLOADREG_BUCK
Load regulation-DC
IOUTx = (10–100%) × IOUTx_max
0.02
%/A
Buck1, Buck2, Buck3
VENXH
EN1/2/3 high level input voltage
1.2
1.26
V
VENXL
EN1/2/3 low level input voltage
1.1
1.15
V
IENX1
EN1/2/3 pull-up current
ENx = 1V
3.6
µA
IENX2
EN1/2/3 pull-up current
ENx = 1.5V
6.6
µA
IENhys
Hysteresis current
3
µA
ISSX
Soft start charging current
4.3
5
6
µA
TON_MIN
Minimum on time
80
100
ns
Gm_EA
Error amplifier trans-conductance
–2 µA < ICOMPX < 2 µA
300
µS
COMP1/2/3 voltage to inductor current
Gm_PS1/2/3
ILX = 0.5 A
7.4
A/V
Gm
ILIMIT1
Buck1 peak inductor current limit
4.33
5.1
6.02
A
ILIMITSOURCE1
Buck1 low side source current limit
4.3
A
ILIMITSINK1
Buck1 low side sink current limit
1.3
A
ILIMIT2/3
Buck2/3 peak inductor current limit
2.6
3.1
3.73
A
ILIMITSOURCE2/3
Buck2/3 low side source current limit
2.7
A
ILIMITSINK2/3
Buck2/3 low side sink current limit
1
A
THiccup_wait
Over current wait time
256
cycles
THiccup_re
Hiccup time before re-start
8192
cycles
Rdson_HS1
Buck1 High-side switch resistance
VIN = 12V
100
m
Rdson_LS1
Buck1 low-side switch resistance
VIN = 12V
65
m
Rdson_HS2
Buck2 High-side switch resistance
VIN = 12V
140
m
Rdson_LS2
Buck2 low-side switch resistance
VIN = 12V
95
m
Rdson_HS3
Buck3 High-side switch resistance
VIN = 12V
140
m
Rdson_LS3
Buck3 low-side switch resistance
VIN = 12V
95
m
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated


Similar Part No. - TPS65263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263 TI-TPS65263 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65263 TI1-TPS65263 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI1-TPS65263 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1QRHBRQ1 TI1-TPS65263-1QRHBRQ1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
More results

Similar Description - TPS65263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65261 TI-TPS65261_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS6526x 4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7225D ACE-ACE7225D Datasheet
137Kb / 3P
   2A, 4.5V~18V Input, 500KHz Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
   2A, 18V Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
   2A, 18V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com