Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65261RHBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65261RHBR
Description  4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65261RHBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65261RHBR Datasheet HTML 3Page - Texas Instruments TPS65261RHBR Datasheet HTML 4Page - Texas Instruments TPS65261RHBR Datasheet HTML 5Page - Texas Instruments TPS65261RHBR Datasheet HTML 6Page - Texas Instruments TPS65261RHBR Datasheet HTML 7Page - Texas Instruments TPS65261RHBR Datasheet HTML 8Page - Texas Instruments TPS65261RHBR Datasheet HTML 9Page - Texas Instruments TPS65261RHBR Datasheet HTML 10Page - Texas Instruments TPS65261RHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
TPS65261, TPS65261-1
www.ti.com
SLVSCD3B – DECEMBER 2013 – REVISED MAY 2014
Electrical Characteristics (continued)
TA = 25°C, VIN = 12 V, fSW = 600 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER GOOD, MODE, POWER SEQUENCE
FBx under-voltage Falling
92.5
%VREF
FBx under-voltage Rising
95
%VREF
Vth_PG
Feedback voltage threshold
FBx over-voltage Rising
107.5
%VREF
FBx over-voltage Falling
105
%VREF
TDEGLITCH(PG)_F
PGOOD falling edge deglitch time
128
cycles
TRDEGLITCH(PG)_R PGOOD rising edge deglitch time
512
cycles
IPG
PGOOD pin leakage
0.05
µA
VLOW_PG
PGOOD pin low voltage
ISINK = 1 mA
0.4
V
VMODEH
MODE high level input voltage
1.2
1.26
V
VMODEL
MODE low level input voltage
1.1
1.15
V
IMODE1
MODE pull-up current
MODE = 1V
3.6
µA
IMODE2
MODE pull-up current
MODE = 1.5V
6.6
µA
Delay time between bucks at automatic
Tpsdelay
MODE = 1.5V
1024
cycles
power sequencing mode
POWER FAILURE DETECTOR
VDIVth
VDIV threshold
1.18
1.23
1.26
V
VDIV = 1V
1
µA
IVDIV
VDIV pull-up current
VDIV = 1.5V
2
µA
IVDIVhys
VDIV hysteresis current
1
µA
Tdeglitch_R
RESET deglitch on the rising edge
534
cycles
Tdeglitch_F
RESET deglitch on the falling edge
12
14
16
cycles
OSCILLATOR
FSW
ROSC = 73.2 k
Ω
560
600
640
kHz
Switching frequency
FSW_range
250
2000
kHz
THERMAL PROTECTION
TTRIP_OTP
Temperature rising
160
°C
Thermal protection trip point
THYST_OTP
Hysteresis
20
°C
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS65261RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65261 TI1-TPS65261 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65261-1 TI1-TPS65261-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65261 TI-TPS65261_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS6526x 4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65261RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65261 TI-TPS65261_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS6526x 4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7225D ACE-ACE7225D Datasheet
137Kb / 3P
   2A, 4.5V~18V Input, 500KHz Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
   2A, 18V Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
   2A, 18V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com