Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFA58-S06 Datasheet(PDF) 1 Page - Vitec Power

Part # STFA58-S06
Description  60W Open Frame Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STFA58-S06 Datasheet(HTML) 1 Page - Vitec Power

  STFA58-S06 Datasheet HTML 1Page - Vitec Power STFA58-S06 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STFA58 SERIES
60W Open Frame Power Supply for I.T. Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
Internal EMI Filter
Input Connector mates with Molex housing 35977-0300 and Molex 35922 terminal.
Single Output Voltage Available From 5VDC Thru 48VDC
Size: 2"x4"x1"
Class I Insulation
Input Surge Current, Over Load and Over Voltage Protection
2 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Output Current
Total Regulation
Max. Output Power
STFA58-S02
5 ~ 6 VDC
8.00 ~ 6.66 A
5%
40W
STFA58-S03
6 ~ 8 VDC
8.00 ~ 6.00 A
5%
48W
STFA58-S04
8 ~ 11 VDC
6.87 ~ 5.00 A
5%
55W
STFA58-S05
11 ~ 13 VDC
5.45 ~ 4.61 A
5%
60W
STFA58-S06
13 ~ 16 VDC
4.61 ~ 3.75 A
5%
60W
STFA58-S07
16 ~ 21 VDC
3.75 ~ 2.85 A
5%
60W
STFA58-S08
21 ~ 27 VDC
2.85 ~ 2.22 A
3%
60W
STFA58-S09
27 ~ 33 VDC
2.22 ~ 1.81 A
3%
60W
STFA58-S10
33 ~ 40 VDC
1.81 ~ 1.50 A
3%
60W
STFA58-S11
40 ~ 48 VDC
1.50 ~ 1.20 A
2%
60W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin= 90 to 264 VAC
0
60
W
Input Current (Low Line)
Io=Full load, Vin=115 VAC
1.2
A
Input Current (High Line)
Io=Full load, Vin= 230 VAC
0.6
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
12
15
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230 VAC
26
30
A
Efficiency
Io=Full Load, Vin=230VAC
77
80
90
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0 .5
1
%
Safety Ground Leakage Current
Io= Full Load, Vin=240VAC
0.4
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No Load, Vin=240VAC
0.1
0.5
W


Similar Part No. - STFA58-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STFA58-S06 Vitec-STFA58-S06 Datasheet
368Kb / 2P
   60W Open Frame Power Supply for I.T. Equipment
More results

Similar Description - STFA58-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STFA58 Vitec-STFA58 Datasheet
368Kb / 2P
   60W Open Frame Power Supply for I.T. Equipment
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA100-SERIES Vitec-STFA100-SERIES Datasheet
436Kb / 2P
   100W Open Frame Power Supply for I.T. Equipment
STFA31-SERIES Vitec-STFA31-SERIES Datasheet
401Kb / 2P
   30W Open Frame Power Supply for I.T. Equipment
STFA61-SERIES Vitec-STFA61-SERIES Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA60-SERIES Vitec-STFA60-SERIES Datasheet
466Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA80 Vitec-STFA80 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA81 Vitec-STFA81 Datasheet
451Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA60 Vitec-STFA60 Datasheet
466Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA61 Vitec-STFA61 Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com