Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS657202 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS657202
Description  Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS657202 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS657202 Datasheet HTML 6Page - Texas Instruments TPS657202 Datasheet HTML 7Page - Texas Instruments TPS657202 Datasheet HTML 8Page - Texas Instruments TPS657202 Datasheet HTML 9Page - Texas Instruments TPS657202 Datasheet HTML 10Page - Texas Instruments TPS657202 Datasheet HTML 11Page - Texas Instruments TPS657202 Datasheet HTML 12Page - Texas Instruments TPS657202 Datasheet HTML 13Page - Texas Instruments TPS657202 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
TPS65720, TPS657201, TPS657202, TPS65721
SLVS979A – OCTOBER 2009 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
VSYS = 3.6 V, VDCDC1 = 2.05 V, PFM mode, L = 3.3 μH, COUTDCDC1 = 4.7 μF, VINLDO1 = 2.05 V, VLDO1 = 1.85 V, TA = –40°C to
85°C typical values apply in a temperature range of 10°C to 35°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLDO1 LOW DROPOUT REGULATOR
VINLDO
Input voltage range for LDO1
1.8
5.6
V
VLDO1
LDO1 output voltage range
0.8
3.3
V
VLDO1
LDO1 output voltage
Default output voltage for TPS65720, TPS657201
1.85
V
VLDO1
LDO1 output voltage
Default output voltage for TPS657202
2.85
V
VFB_LDO1
Feedback voltage
Externally adjustable version only: TPS65721
0.8
V
IFB_LDO1
FB pin input current
0.1
μA
IO
Output current for LDO1
200
mA
ISC
LDO1 short circuit current limit
VLDO1 = GND; VINLDO1 = 2.05 V
350
500
mA
Dropout voltage at LDO1, YFF
IO = 200 mA, VINLDO = 2.05 V
180
mV
package
Dropout voltage at LDO1, RSN
IO = 200 mA, VINLDO = 2.05 V
120
mV
package
Output voltage accuracy for LDO1
IO = 200 mA
–1.5%
2.5%
VINLDO1 = VLDO1 + 0.5 V (min. 1.8 V) to 5.6 V (VSYS),
Line regulation for LDO1
–1%
1%
IO = 50 mA
Load regulation for LDO1
IO = 0 mA to 200 mA for LDO1
–1%
2%
Internal discharge resistor at
RDIS
LDO disabled, discharge function per default disabled in register
250
400
VLDO1
BATTERY VOLTAGE AND BATTERY TEMPERATURE MONITOR WITH MULTIPLEXER; INTERNAL BATTERY VOLTAGE COMPARATOR
Input voltage range on TS pin for
VTS
full scale output on pin TS_OUT
Equals –20°C to 60°C on a 10k NTC
0
1.4
V
(0 V to 1.4 V)
Input voltage range on BAT pin for
VBAT
full scale output on pin TS_OUT
2.2
4.5
V
(0 V to 1.4 V)
ITS_OUT = 0 mA
0
1.4
Output voltage range on pin
VTS_OUT
V
TS_OUT
0 < ITS_OUT < 0.05 mA
0.06
1.4
Offset error on pin TS_OUT
In temperature-sense mode; VO with Vbat = 2.2 V
±7.5
mV
SR
Slew rate
VTS_OUT; 0 V to 1.4 V
1
V/ms
ITS_OUT_SC
Short circuit current
0.1
mA
Load capacitance
Maximum capacitance at TS_OUT
100
pF
Battery voltage comparator
Depending on Bits <VBAT0>, <VBAT1>; falling voltage
–3%
3%
V
threshold voltage
Battery voltage comparator
Rising voltage
200
mV
threshold voltage hysteresis
ACCURACY
VBAT MODE
Offset
TJ = 10°C to 35°; for V(TS) ≥ 0.2 V
–22
22
mV
Gain error
TJ = 10°C to 35°; for V(TS) ≥ 0.2 V
–11
11
mV
Offset
TJ = –40°C to 85°C; for V(TS) ≥ 0.2 V
–30
30
mV
Gain error
TJ = –40°C to 85°C; for V(TS) ≥ 0.2 V
–14
14
mV
TS MODE
Internal TS resistor (for 10k NTC,
TJ = 25°C
–1.5%
29.23
1.5%
k
B=3380)
Internal TS resistor (for 100k NTC)
TJ = 25°C
–1.5%
292.3
1.5%
k
Internal TS resistor temperature
TJ = –40°C to 85°C
–4.5%
drift
Internal V2V0 reference voltage
TJ = –40°C to 85°C
–1.2%
2
1.2%
V
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS65720 TPS657201 TPS657202 TPS65721


Similar Part No. - TPS657202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65720 TI-TPS65720 Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFR TI-TPS65720YFFR Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFR TI1-TPS65720YFFR Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
TPS65720YFFT TI-TPS65720YFFT Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFT TI1-TPS65720YFFT Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
More results

Similar Description - TPS657202

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
   7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
   Combination Battery Charger and DC/DC Converter
logo
Texas Instruments
TPS6521815 TI1-TPS6521815 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521815 User-Programmable Power Management IC (PMIC) With 6 DC/DC Converters, 1 LDO, and 3 Load Switches
logo
Linear Technology
LTC1980 LINER-LTC1980 Datasheet
463Kb / 16P
   Combination Battery Charger and DC/DC Converter
LTC1980 LINER-LTC1980_15 Datasheet
244Kb / 16P
   Combination Battery Charger and DC/DC Converter
logo
Eutech Microelectronics...
EUP8084 EUTECH-EUP8084 Datasheet
1Mb / 23P
   Complete Linear Battery Charger with Integrated Buck Converter and LDO
logo
Shenzhen X-Powers Techn...
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
   Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
   Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
logo
Micro Analog systems
MAS6260 MAS-MAS6260 Datasheet
364Kb / 9P
   Li-ion and LiPo battery charger with LDO
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
   Channels DC/DC PMU with Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com