Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT258X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BT258X
Description  Thyristors logic level
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT258X Datasheet(HTML) 5 Page - NXP Semiconductors

  BT258X Datasheet HTML 1Page - NXP Semiconductors BT258X Datasheet HTML 2Page - NXP Semiconductors BT258X Datasheet HTML 3Page - NXP Semiconductors BT258X Datasheet HTML 4Page - NXP Semiconductors BT258X Datasheet HTML 5Page - NXP Semiconductors BT258X Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
Thyristors
BT258X series
logic level
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.13. SOT186A; The seating plane is electrically isolated from all terminals.
Notes
1. Refer to mounting instructions for F-pack envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10.3
max
3.2
3.0
4.6
max
2.9 max
2.8
seating
plane
6.4
15.8
max
0.6
2.5
2.54
5.08
12
3
3 max.
not tinned
3
0.5
2.5
0.9
0.7
M
0.4
15.8
max.
19
max.
13.5
min.
Recesses (2x)
2.5
0.8 max. depth
1.0 (2x)
1.3
October 2002
5
Rev 2.000


Similar Part No. - BT258X

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BT258X WEEN-BT258X Datasheet
420Kb / 8P
   Thyristors logic level
BT258X-500R WEEN-BT258X-500R Datasheet
420Kb / 8P
   Thyristors logic level
BT258X-600R WEEN-BT258X-600R Datasheet
420Kb / 8P
   Thyristors logic level
logo
Inchange Semiconductor ...
BT258X-800R ISC-BT258X-800R Datasheet
155Kb / 1P
   isc Thyristors
logo
WeEn Semiconductors
BT258X-800R WEEN-BT258X-800R Datasheet
420Kb / 8P
   Thyristors logic level
More results

Similar Description - BT258X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT258S-800R PHILIPS-BT258S-800R Datasheet
49Kb / 6P
   Thyristors logic level
October 2002-Rev 2.000
BT148W PHILIPS-BT148W Datasheet
53Kb / 7P
   Thyristors logic level
October 1997 Rev 1.300
BT150S PHILIPS-BT150S Datasheet
49Kb / 6P
   Thyristors logic level
October 1997 Rev 1.100
logo
Guangdong Kexin Industr...
BT169DW KEXIN-BT169DW Datasheet
79Kb / 2P
   Thyristors logic level
logo
Tiger Electronic Co.,Lt...
C106M TGS-C106M Datasheet
57Kb / 1P
   Thyristors logic level
BT169D TGS-BT169D Datasheet
152Kb / 1P
   Thyristors logic level
logo
NXP Semiconductors
BT169 PHILIPS-BT169 Datasheet
67Kb / 12P
   Thyristors logic level
Rev. 04-23 August 2004
BT148 PHILIPS-BT148 Datasheet
43Kb / 6P
   Thyristors logic level
October 1997 Rev 1.300
BT149 PHILIPS-BT149 Datasheet
42Kb / 6P
   Thyristors logic level
September 1997 Rev 1.200
BT258 PHILIPS-BT258 Datasheet
44Kb / 6P
   Thyristors logic level
October 1997 Rev 1.200
BT258U PHILIPS-BT258U Datasheet
51Kb / 6P
   Thyristors logic level
March 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com