Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS562200 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS562200
Description  4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS562200 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS562200 Datasheet HTML 7Page - Texas Instruments TPS562200 Datasheet HTML 8Page - Texas Instruments TPS562200 Datasheet HTML 9Page - Texas Instruments TPS562200 Datasheet HTML 10Page - Texas Instruments TPS562200 Datasheet HTML 11Page - Texas Instruments TPS562200 Datasheet HTML 12Page - Texas Instruments TPS562200 Datasheet HTML 13Page - Texas Instruments TPS562200 Datasheet HTML 14Page - Texas Instruments TPS562200 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
2
SW
ZC
XCON
PWM
Control Logic
+
+
+
UVP
OVP
3
VIN
Ton
One-Shot
6
VBST
+
4
VFB
OCL
+
+
Soft Start
5
EN
HS
LS
1
GND
SS
Voltage
Reference
Ref
Hiccup
V
UVP
V
OVP
OCL
threshold
Regulator
UVLO
VREG5
VREG5
TSD
Copyright © 2016, Texas Instruments Incorporated
11
TPS562200, TPS563200
www.ti.com
SLVSCB0D – JANUARY 2014 – REVISED JUNE 2016
Product Folder Links: TPS562200 TPS563200
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS562200 and TPS563200 are 2-A and 3-A synchronous step-down converters. The proprietary D-
CAP2™mode control supports low ESR output capacitors such as specialty polymer capacitors and multi-layer
ceramic capacitors without complex external compensation circuits. The fast transient response of D-CAP2™
mode control can reduce the output capacitance required to meet a specific level of performance.
7.2 Functional Block Diagrams
Figure 19. Functional Block Diagram: TPS562200 And TPS563200


Similar Part No. - TPS562200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562200 TI-TPS562200 Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
More results

Similar Description - TPS562200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com