Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFA120-T08 Datasheet(PDF) 1 Page - Vitec Power

Part # STFA120-T08
Description  120W Open Frame Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STFA120-T08 Datasheet(HTML) 1 Page - Vitec Power

  STFA120-T08 Datasheet HTML 1Page - Vitec Power STFA120-T08 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STFA120 SERIES
120W Open Frame Power Supply for I.T. Equipment
Wide Input Voltage 90 to 260 VAC, 47 to 63 Hz
Single to Triple Output
Input Surge Current, Over Voltage and Over Load protection
Power Fail Detect (Optional)
Input connector mates with Molex housing 09-50-3051 and Molex 2478 series crimp
terminal
Output connector mates with Molex housing 09-50-3131and Molex 2478 series crimp
terminal
Size: 3"x5"x1.32"
Class I Insulation
2 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Output Current
Total Regulation
Max. Output Power
STFA120-S01
03 ~05 VDC
22.00 ~ 20.00A
5%
100W
STFA120-S02
05 ~06 VDC
22.00 ~ 18.33A
5%
110W
STFA120-S03
06 ~09 VDC
19.16 ~ 12.77A
5%
115W
STFA120-S04
09 ~11 VDC
13.33 ~ 10.90A
4%
120W
STFA120-S05
11 ~ 13 VDC
10.90 ~ 9.23A
3%
120W
STFA120-S06
13 ~ 16 VDC
9.23 ~ 7.50A
3%
120W
STFA120-S07
16 ~ 21 VDC
7.50 ~ 5.71A
3%
120W
STFA120-S08
21 ~ 27 VDC
5.71 ~ 4.44A
2%
120W
STFA120-S09
27 ~ 33 VDC
4.44 ~ 3.63A
2%
120W
STFA120-S10
33 ~ 40 VDC
3.63 ~ 3.00A
2%
120W
STFA120-S11
40 ~ 50 VDC
3.00 ~ 2.40A
2%
120W
Multi Output
Part Number
Output 1
Output 2
Output 3
Max. Output
Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
STFA120-D00
+3.3V
1.5A
15A
5%
+12V
0.6A
6A
5%
120W
STFA120-D01
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
120W
STFA120-D02
+5V
1.5A
15A
5%
+15V
0.6A
6A
5%
120W
STFA120-D03
+5V
1.5A
15A
5%
+24V
0.4A
3.5A
5%
120W
STFA120-D04
+3.3V
1.5A
15A
5%
+5V
0.8A
6A
5%
79.5W
STFA120-D15
+5V
1.5A
15A
5%
-24V
0.2A
2A
5%
120W
STFA120-D19
+28V
0.4A
3.92A
5%
+5V
0A
2A
5%
120W
STFA120-T00
+3.3V
1.5A
15A
5%
+12V
0.6A
6A
5%
-12V
0A
0.8A
5%
120W
STFA120-T00-1
+3.3V
1.5A
15A
5%
+12V
0.6A
6A
5%
+12V
0A
0.8A
5%
120W
STFA120-T01
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
-5V
0A
0.8A
5%
120W
STFA120-T01-1
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
+5V
0A
0.8A
5%
120W
STFA120-T02
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
-12V
0A
0.8A
5%
120W
STFA120-T02-1
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
+12V
0A
0.8A
5%
120W
STFA120-T03
+5V
1.5A
15A
5%
+15V
1.0A
6A
5%
-15V
0A
0.8A
5%
120W
STFA120-T03-1
+5V
1.5A
15A
5%
+15V
1.0A
6A
5%
+15V
0A
0.8A
5%
120W
STFA120-T04
+5V
1.5A
15A
5%
+24V
0.45A
3.5A
5%
-24V
0.25A
0.8A
5%
120W
STFA120-T04-1
+5V
1.5A
15A
5%
+24V
0.45A
3.5A
5%
+24V
0.25A
0.8A
5%
120W
STFA120-T05
+5V
1.5A
15A
5%
+24V
0.4A
3.5A
5%
-12V
0A
0.8A
5%
120W
STFA120-T05-1
+5V
1.5A
15A
5%
+24V
0.4A
3.5A
5%
+12V
0A
0.8A
5%
120W
STFA120-T06
+3.3V
1.5A
15A
5%
+12V
0.8A
6A
5%
-5V
0A
0.8A
5%
120W
STFA120-T06-1
+3.3V
1.5A
15A
5%
+12V
0.8A
6A
5%
+5V
0A
0.8A
5%
120W
STFA120-T07
+5V
1.5A
15A
5%
+10V
0.6A
6A
5%
-10V
0A
1.0A
5%
120W
STFA120-T07-1
+5V
1.5A
15A
5%
+10V
0.6A
6A
5%
+10V
0A
1.0A
5%
120W
STFA120-T08
+3.3V
1.5A
15A
5%
+5V
0.8A
6A
5%
-12V
0A
1.0A
5%
91.5W
STFA120-T08-1
+3.3V
1.5A
15A
5%
+5V
0.8A
6A
5%
+12V
0A
1.0A
5%
91.5W


Similar Part No. - STFA120-T08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STFA120-T08 Vitec-STFA120-T08 Datasheet
426Kb / 2P
   120W Open Frame Power Supply for I.T. Equipment
STFA120-T08-1 Vitec-STFA120-T08-1 Datasheet
426Kb / 2P
   120W Open Frame Power Supply for I.T. Equipment
More results

Similar Description - STFA120-T08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STFA120 Vitec-STFA120 Datasheet
426Kb / 2P
   120W Open Frame Power Supply for I.T. Equipment
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA100-SERIES Vitec-STFA100-SERIES Datasheet
436Kb / 2P
   100W Open Frame Power Supply for I.T. Equipment
STFA31-SERIES Vitec-STFA31-SERIES Datasheet
401Kb / 2P
   30W Open Frame Power Supply for I.T. Equipment
STFA61-SERIES Vitec-STFA61-SERIES Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA60-SERIES Vitec-STFA60-SERIES Datasheet
466Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA58 Vitec-STFA58 Datasheet
368Kb / 2P
   60W Open Frame Power Supply for I.T. Equipment
STFA80 Vitec-STFA80 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA81 Vitec-STFA81 Datasheet
451Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA60 Vitec-STFA60 Datasheet
466Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com