Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS563209DDCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS563209DDCT
Description  4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6pin SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563209DDCT Datasheet(HTML) 1 Page - Texas Instruments

  TPS563209DDCT Datasheet HTML 1Page - Texas Instruments TPS563209DDCT Datasheet HTML 2Page - Texas Instruments TPS563209DDCT Datasheet HTML 3Page - Texas Instruments TPS563209DDCT Datasheet HTML 4Page - Texas Instruments TPS563209DDCT Datasheet HTML 5Page - Texas Instruments TPS563209DDCT Datasheet HTML 6Page - Texas Instruments TPS563209DDCT Datasheet HTML 7Page - Texas Instruments TPS563209DDCT Datasheet HTML 8Page - Texas Instruments TPS563209DDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
V = 50 mV / div (ac coupled)
O
Time = 200 µsec / div
I = 1 A / div
O
Load step = 0.75 A - 2.25 A
Slew rate = 500 mA / µsec
TPS563209
TPS562209
VIN
VBST
SW
GND
EN
VFB
1
2
3
4
5
6
VOUT
VOUT
EN
VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS562209, TPS563209
SLVSCM5 – SEPTEMBER 2014
TPS56x209, 4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6
pin SOT-23
1 Features
3 Description
The TPS562209 and TPS563209 are simple, easy-to-
1
TPS562209 - 2A converter with integrated 122-
use, 2-A and 3-A synchronous step-down converters
m
Ω and 72-mΩ FETs
in 6 pin SOT-23 package.
TPS563209 - 3A converter with integrated 68-m
The devices are optimized to operate with minimum
and 39-m
Ω FETs
external component counts and also optimized to
D-CAP2™ Mode Control for Fast Transient
achieve low standby current.
Response
These switch mode power supply (SMPS) devices
Input Voltage Range: 4.5 V to 17 V
employ D-CAP2™ mode control providing a fast
Output Voltage Range: 0.76 V to 7 V
transient
response
and
supporting
both
low
650 kHz Switching Frequency
equivalent series resistance (ESR) output capacitors
such as specialty polymer and ultra-low ESR ceramic
Low Shutdown Current Less than 10µA
capacitors
with
no
external
compensation
1% Feedback Voltage Accuracy (25°C)
components.
Startup from Pre-Biased Output Voltage
TPS562209 and TPS563209 always operate in
Cycle By Cycle Over-current Limit
continuous conduction mode, which reduces the
Hiccup-mode Under Voltage Protection
output ripple voltage in light load compared to
discontinous
conduction
mode.
TPS56x209
are
Non-latch OVP, UVLO and TSD Protections
available in a 6-pin 1.6 × 2.9(mm) SOT (DDC)
Fixed Soft Start : 1.0ms
package, and specified from –40°C to 150°C of
junction temperature.
2 Applications
Device Information(1)
Digital TV Power Supply
PART NUMBER
PACKAGE
BODY SIZE (NOM)
High Definition Blu-ray Disc™ Players
TPS563209,
Networking Home Terminal
SOT (6)
1.60 mm × 2.90 mm
TPS562209
Digital Set Top Box (STB)
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic and Transient Response
spacer
spacer
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS563209DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563200 TI1-TPS563200 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563200DDCR TI1-TPS563200DDCR Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563200DDCT TI1-TPS563200DDCT Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
More results

Similar Description - TPS563209DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562209 TI-TPS562209_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56x209, 4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6 pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com