Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS563219DDFT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS563219DDFT
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563219DDFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS563219DDFT Datasheet HTML 3Page - Texas Instruments TPS563219DDFT Datasheet HTML 4Page - Texas Instruments TPS563219DDFT Datasheet HTML 5Page - Texas Instruments TPS563219DDFT Datasheet HTML 6Page - Texas Instruments TPS563219DDFT Datasheet HTML 7Page - Texas Instruments TPS563219DDFT Datasheet HTML 8Page - Texas Instruments TPS563219DDFT Datasheet HTML 9Page - Texas Instruments TPS563219DDFT Datasheet HTML 10Page - Texas Instruments TPS563219DDFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
Output Current (A)
Vout = 5V
Vout = 3.3V
Vout = 1.8V
C015
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
Output Current (A)
Vout = 3.3V
Vout = 1.8V
C016
0.750
0.755
0.760
0.765
0.770
0.775
0.780
±50
0
50
100
150
Junction Temperature (
ƒC)
C013
±10
0
10
20
30
40
50
60
0
3
6
9
12
15
18
EN Input Voltage (V)
C014
0
100
200
300
400
500
600
700
800
±50
0
50
100
150
Junction Temperature(
ƒC)
C011
0
1
2
3
4
5
6
±50
0
50
100
150
Junction Temperature (
ƒC)
C012
TPS562219, TPS563219
www.ti.com
SLVSCM7A – FEBRUARY 2015 – REVISED AUGUST 2015
7.7 Typical Characteristics: TPS562219
VIN = 12V (unless otherwise noted)
Figure 1. Supply Current vs Junction Temperature
Figure 2. VIN Shutdown Current vs Junction Temperature
Figure 3. VFB Voltage vs Junction Temperature
Figure 4. EN Current vs EN Voltage
Figure 5. Efficiency vs Output Current
Figure 6. Efficiency vs Output Current (VI= 5V)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS563219DDFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563219A TI1-TPS563219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS563219ADDFR TI1-TPS563219ADDFR Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS563219ADDFT TI1-TPS563219ADDFT Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
More results

Similar Description - TPS563219DDFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com