Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS564201DDCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS564201DDCT
Description  4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS564201DDCT Datasheet(HTML) 4 Page - Texas Instruments

  TPS564201DDCT Datasheet HTML 1Page - Texas Instruments TPS564201DDCT Datasheet HTML 2Page - Texas Instruments TPS564201DDCT Datasheet HTML 3Page - Texas Instruments TPS564201DDCT Datasheet HTML 4Page - Texas Instruments TPS564201DDCT Datasheet HTML 5Page - Texas Instruments TPS564201DDCT Datasheet HTML 6Page - Texas Instruments TPS564201DDCT Datasheet HTML 7Page - Texas Instruments TPS564201DDCT Datasheet HTML 8Page - Texas Instruments TPS564201DDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
TPS564201
SLVSDJ7A – MAY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS564201
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Supply input voltage range
4.5
17
V
VI
Input voltage range
VBST
–0.1
23
V
VBST (10 ns transient)
–0.1
26
VBST (vs SW)
–0.1
6.0
EN
–0.1
17
VFB
–0.1
5.5
SW
–1.8
17
SW (10 ns transient)
–3.5
20
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS564201
UNIT
DDC (SOT)
6 PINS
RθJA
Junction-to-ambient thermal resistance
86.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
39.4
°C/W
RθJB
Junction-to-board thermal resistance
13.3
°C/W
ψJT
Junction-to-top characterization parameter
1.8
°C/W
ψJB
Junction-to-board characterization parameter
13.3
°C/W


Similar Part No. - TPS564201DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS564208DDCR TI1-TPS564208DDCR Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS564208DDCT TI1-TPS564208DDCT Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
More results

Similar Description - TPS564201DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com