Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFA61-Q23 Datasheet(PDF) 2 Page - Vitec Power

Part # STFA61-Q23
Description  63W Open Frame Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STFA61-Q23 Datasheet(HTML) 2 Page - Vitec Power

  STFA61-Q23 Datasheet HTML 1Page - Vitec Power STFA61-Q23 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STFA61-Q04-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
STFA61-Q04-2
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
STFA61-Q04-3
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
STFA61-Q23
+5V
0.1A
1A
5%
+24V
0.18A
1.8A
5%
-15V
0A
0.1A
5%
+12V
0A
0.8A
5%
59.3W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
63
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.6
A
Input Current (High Line)
Io=Full load, Vin=230VAC
1.0
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
12
15
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230VAC
26
30
A
Efficiency
Io=Full Load, Vin=230VAC
70
80
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.4
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
* Note: The Ripple & Noise which is under 3.3VDC at 2% max
The range of OCP is set between 110-150% of total output power .
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
25
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 25°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
STFA61-SXX
OUT OUT OUT RTN RTN RTN
STFA61-DXX
Vo2 Vo1 Vo1 COM COM N/C
STFA61-D15
N/C Vo1 V 1 COM COM Vo3
STFA61-TXX
Vo2 Vo1 Vo1 COM COM Vo3
STFA61-QXX
Vo2 Vo1 Vo1 COM COM Vo3 Vo4 Vo4
Note: Vo1: Output#1 Vo2: Output#2 Vo3: Output#3 Vo4:Output#4
Note:
1.
Dimensions are shown in inches or mm.
2.
Weight: 250gs approx.
3.
Input connector mates with Molex housing 09-50-3031 and
Molex 2478 series crimp terminal.
4.
Output connector mates with Molex housing 09-50-3061 (or
09-50-3081) and Molex 2478 series crimp terminal


Similar Part No. - STFA61-Q23

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STFA61-S01 Vitec-STFA61-S01 Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA61-S02 Vitec-STFA61-S02 Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA61-S03 Vitec-STFA61-S03 Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA61-S04 Vitec-STFA61-S04 Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA61-S05 Vitec-STFA61-S05 Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
More results

Similar Description - STFA61-Q23

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STFA60-SERIES Vitec-STFA60-SERIES Datasheet
466Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA60 Vitec-STFA60 Datasheet
466Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA61 Vitec-STFA61 Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
SIFA60-SERIES Vitec-SIFA60-SERIES Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA61-SERIES Vitec-SIFA61-SERIES Datasheet
535Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA100-SERIES Vitec-STFA100-SERIES Datasheet
436Kb / 2P
   100W Open Frame Power Supply for I.T. Equipment
SMFA60 Vitec-SMFA60 Datasheet
413Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SIFA60 Vitec-SIFA60 Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com