Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT102EUK-TE7 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT102EUK-TE7
Description  Precision, Adjustable Shunt Regulator (600mV Reference)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT102EUK-TE7 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT102EUK-TE7 Datasheet HTML 1Page - Catalyst Semiconductor CAT102EUK-TE7 Datasheet HTML 2Page - Catalyst Semiconductor CAT102EUK-TE7 Datasheet HTML 3Page - Catalyst Semiconductor CAT102EUK-TE7 Datasheet HTML 4Page - Catalyst Semiconductor CAT102EUK-TE7 Datasheet HTML 5Page - Catalyst Semiconductor CAT102EUK-TE7 Datasheet HTML 6Page - Catalyst Semiconductor CAT102EUK-TE7 Datasheet HTML 7Page - Catalyst Semiconductor CAT102EUK-TE7 Datasheet HTML 8Page - Catalyst Semiconductor CAT102EUK-TE7 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CAT102
5
Doc. No. 4007, Rev. L
570
580
590
600
610
620
630
-40
0
40
80
120
TYPICAL PERFORMANCE CHARACTERISTICS
-70
-60
-50
-40
-30
-20
-10
0
-40
0
40
80
120
Junction Temperature (
°°°°°C)
FB Bias Current vs. Temperature (V
CC=2.5V)
Reference Voltage
-10
10
30
50
70
90
110
0.01
0.1
1
10
100 1000 10000
Frequency (kHz)
Gain vs. Frequency
Junction Temperature (
°°°°°C)
10mA


Similar Part No. - CAT102EUK-TE7

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
176Kb / 9P
   Precision, Adjustable Shunt Regulator
CAT102 CATALYST-CAT102 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
ON Semiconductor
CAT102 ONSEMI-CAT102 Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
More results

Similar Description - CAT102EUK-TE7

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102_07 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
logo
ON Semiconductor
CAT102 ONSEMI-CAT102 Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com