Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650860A0RSKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650860A0RSKR
Description  Configurable Multirail PMU for Multicore Processors
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650860A0RSKR Datasheet(HTML) 5 Page - Texas Instruments

  TPS650860A0RSKR Datasheet HTML 1Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 2Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 3Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 4Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 5Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 6Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 7Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 8Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
TPS650860
www.ti.com
SWCS128A – MARCH 2015 – REVISED DECEMBER 2015
Pin Functions
NO.
NAME
I/O
DESCRIPTION
SMPS REGULATORS
Remote negative feedback sense for BUCK2 controller. Connect to negative terminal of output
1
FBGND2
I
capacitor.
Remote positive feedback sense for BUCK2 controller. Connect to positive terminal of output
2
FBVOUT2
I
capacitor.
3
DRVH2
O
High-side gate driver output for BUCK2 controller.
4
SW2
I
Switch node connection for BUCK2 controller.
Bootstrap pin for BUCK2 controller. Connect a 100-nF ceramic capacitor between this pin and
5
BOOT2
I
SW2 pin.
6
PGNDSNS2
I
Power GND connection for BUCK2. Connect to ground terminal of external low-side FET.
7
DRVL2
O
Low-side gate driver output for BUCK2 controller.
5-V supply to BUCK2 gate driver and LDOA1. Bypass to ground with a 2.2-µF (TYP) ceramic
8
DRV5V_2_A1
I
capacitor. Shorted on board to LDO5P0 pin typically.
10
LX3
O
Switch node connection for BUCK3 converter.
11
PVIN3
I
Power input to BUCK3 converter. Bypass to ground with a 10-µF (TYP) ceramic capacitor.
12
FB3
I
Remote feedback sense for BUCK3 converter. Connect to positive terminal of output capacitor.
20
LX5
O
Switch node connection for BUCK5 converter.
21
PVIN5
I
Power input to BUCK5 converter. Bypass to ground with a 10-µF (TYP) ceramic capacitor.
22
FB5
I
Remote feedback sense for BUCK5 converter. Connect to positive terminal of output capacitor.
23
FB4
I
Remote feedback sense for BUCK4 converter. Connect to positive terminal of output capacitor.
24
PVIN4
I
Power input to BUCK4 converter. Bypass to ground with a 10-µF (TYP) ceramic capacitor.
25
LX4
O
Switch node connection for BUCK4 converter.
29
FBVOUT1
I
Remote feedback sense for BUCK1 controller. Connect to positive terminal of output capacitor.
Current limit set pin for BUCK1 controller. Fit a resistor from this pin to ground to set current
30
ILIM1
I
limit of external low-side FET.
33
DRVH1
O
High-side gate driver output for BUCK1 controller.
34
SW1
I
Switch node connection for BUCK1 controller.
Bootstrap pin for BUCK1 controller. Connect a 100-nF ceramic capacitor between this pin and
35
BOOT1
I
SW1 pin.
36
PGNDSNS1
I
Power GND connection for BUCK1. Connect to ground terminal of external low-side FET.
37
DRVL1
O
Low-side gate driver output for BUCK1 controller.
5-V supply to BUCK1 and BUCK6 gate drivers. Bypass to ground with a 2.2-µF (TYP) ceramic
38
DRV5V_1_6
I
capacitor. Shorted on board to LDO5P0 pin typically.
39
DRVL6
O
Low-side gate driver output for BUCK6 controller.
40
PGNDSNS6
I
Power GND connection for BUCK6. Connect to ground terminal of external low-side FET.
Bootstrap pin for BUCK6 controller. Connect a 100-nF ceramic capacitor between this pin and
41
BOOT6
I
SW6 pin.
42
SW6
I
Switch node connection for BUCK6 controller.
Copyright © 2015, Texas Instruments Incorporated
Pin Configuration and Functions
5
Submit Documentation Feedback
Product Folder Links: TPS650860


Similar Part No. - TPS650860A0RSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650860A0RSKR TI1-TPS650860A0RSKR Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
More results

Similar Description - TPS650860A0RSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650860 TI1-TPS650860 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650861 TI1-TPS650861 Datasheet
2Mb / 144P
[Old version datasheet]   Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
TPS650864 TI1-TPS650864 Datasheet
1Mb / 107P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_18 Datasheet
2Mb / 126P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_17 Datasheet
2Mb / 114P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
logo
Freescale Semiconductor...
P2041NXE1MMB FREESCALE-P2041NXE1MMB Datasheet
774Kb / 9P
   P2041NXE1MMB multicore processors
P4080NXE1MMB FREESCALE-P4080NXE1MMB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
P4040NSN1PNB FREESCALE-P4040NSN1PNB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
logo
Active-Semi, Inc
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com