Electronic Components Datasheet Search |
|
TPS659119-Q1 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TPS659119-Q1 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 132 page 6 TPS659119-Q1 SWCS106F – MARCH 2013 – REVISED JULY 2016 www.ti.com Product Folder Links: TPS659119-Q1 Submit Documentation Feedback Copyright © 2013–2016, Texas Instruments Incorporated Pin Functions (continued) PIN TYPE I/O DESCRIPTION SUPPLIES PU / PD NAME NO. GPIO3 43 Digital I/O GPIO and LED2 output VRTC, DGND OD: External PU OD NRESPWRON2 44 Digital O Second NRESPWRON output VRTC, DGND PD active during device OFF state.External pullup when ACTIVE OD VBACKUP 45 Power I Tie this pin to AGND VBACKUP, AGND No AGND 46 Power I/O Analog ground AGND No VCC7 47 Power I VRTC power input and analog references supply VCC7, REFGND No VRTC 48 Power O LDO regulator output VCC7, REFGND PD 5 µA AGNDEX 49 Power I/O EXTCTRL resistive divider ground AGNDEX No VSENSE 50 Analog I EXTCTRL resistive divider output VOUT, AGNDEX No EN 51 Digital O EXTCTRL enable signal for external converter VCC7, DGND No VOUT 52 Analog I EXTCTRL resistive divider input VOUT, AGNDEX No DGND 53 Power I/O Digital ground DGND No VFB1 54 Analog I VDD1 feedback voltage VCC7, DGND PD 5 µA PWRON 55 Digital I External switch-on control (ON button) VCC7, DGND Programmable PU (default active) GND1 56 Power I/O VDD1 DC-DC power ground VCC1, GND1 No 57 SW1 58 Power O VDD1 DC-DC switched output VCC1, GND1 No 59 VCC1 60 Power I VDD1 DC-DC power Input VCC1, GND1 No 61 SLEEP 62 Digital I ACTIVE-SLEEP state transition control signal VDDIO, DGND Programmable PD (default active) GPIO8 63 Digital I/O, OD GPIO VRTC, DGND OD: External PU CLK32KOUT 64 Digital O 32-kHz clock output VDDIO, DGND PD, disabled in ACTIVE or SLEEP state GPIO6 65 Digital I/O, OD GPIO VRTC, DGND OD: External PU NRESPWRON 66 Digital O Power off reset VDDIO, DGND PD active during device OFF state VCC2 67 Power I VDD2 DC-DC power input VCC2, GND2 No 68 SW2 69 Power O VDD2 DC-DC switched output VCC2, GND2 No 70 GND2 71 Power I/O VDD2 DC-DC power ground VCC2, GND2 No 72 GPIO7 73 Digital I/O, OD GPIO VRTC, DGND OD: External PU VFB2 74 Analog I VDD2 DC-DC feedback voltage VCC7, DGND PD 5 µA INT1 75 Digital O Interrupt flag VDDIO, DGND No GPIO2 76 Digital I/O, OD GPIO and DC-DC clock synchronization VRTC, DGND OD: External PU LDO5 77 Power O LDO regulator output VCC4, REFGND PD 5 µA 78 VCC4 79 Power I LDO5 power input VCC4, AGND2 No VCC8 80 Power I LDO8 power input VCC8, AGND2 No |
Similar Part No. - TPS659119-Q1 |
|
Similar Description - TPS659119-Q1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |