Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN24 Datasheet(PDF) 3 Page - Copal Electronics

Part # AN24
Description  W-6237EVAL2 EVALUATION BOARD FOR W-6237
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

AN24 Datasheet(HTML) 3 Page - Copal Electronics

  AN24 Datasheet HTML 1Page - Copal Electronics AN24 Datasheet HTML 2Page - Copal Electronics AN24 Datasheet HTML 3Page - Copal Electronics AN24 Datasheet HTML 4Page - Copal Electronics AN24 Datasheet HTML 5Page - Copal Electronics AN24 Datasheet HTML 6Page - Copal Electronics AN24 Datasheet HTML 7Page - Copal Electronics AN24 Datasheet HTML 8Page - Copal Electronics AN24 Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AN24
3
Document No. 6041, Rev. B
W-6237 EVALUATION
The W-6237EVAL2 gives the user a way to evaluate the W-6237 in a typical application of driving multiple LEDs.
The user can connect 6 to 8 LEDs in series to the W-6237 output, using the jumper options for J2, J3 or J4 header-
pin connectors.
The following steps are an example of how the user can evaluate the W-6237 white LED driver:
1) Driving 8 LEDs in series and Shutdown Mode
a)
Connect the 8-LEDs string to the W-6237 output using a jumper shunt on J4 header-pin connector (J2 , J3
not jumpered).
b)
Set the R2 potentiometer to the middle position.
c)
Apply the external voltage supply, Vext (3.0V < VIN < 5V) between VIN (T1) and GND (T2).
d)
The W-6237 is in the shutdown mode (SHDN pin is connected to GND) if the J1 connector is not jumpered.
- Connect a current meter between Vext and VIN pad to measure the shutdown current: ISD << 1 A
- In this mode of operation the LEDs are disconnected from the output: LEDs are OFF
e)
Connect SHDN pin of the W-6237 to VIN using a jumper shunt between Pin #1 and Pin #2 of J1 connector
- Observe that LEDs are ON.
e
m
a
Nr
e
r
u
t
c
a
f
u
n
an
Mo
i
t
p
i
r
c
s
er
De
b
m
u
N
t
r
as
Pt
i
n
U
1
Un
COPAL
i
p
-
5
-
3
2
T
O
S
T
,
r
e
v
i
r
D
D
E
L
e
t
i
h
W
S
O
MI
CS
T
7
3
21
W-6
1
C
n
e
d
u
Y
o
y
i
a
T
)
c
i
n
o
s
a
n
a
P
r
o
(
,
R
5
X
,
V
3
.
6
/
F
u
7
.
4
r
o
t
i
c
a
p
a
C
c
i
m
a
r
e
C
5
0
8
0
e
z
i
S
5
7
4
J
B
2
1
2
K
M
J
)
D
N
-
T
C
5
1
3
2
C
C
P
y
e
K
-
i
g
i
D
r
o
(
1
2
C
n
e
d
u
Y
o
y
i
a
T
)
t
e
m
e
K
r
o
(
,
V
0
5
/
F
u
2
2
.
0
r
o
t
i
c
a
p
a
C
c
i
m
a
r
e
C
)
R
7
X
(
R
5
X
)
U
T
C
A
R
5
K
4
2
2
C
6
0
2
1
C1
(
1
La
d
i
m
u
S
,
R
C
D
w
o
l
,
H
u
3
3
r
o
t
c
u
d
n
I
t
n
e
r
r
u
c
h
g
i
h
0
3
3
-
6
1
D
3
H
R
D1
C
1
Dx
e
t
e
Z
,
t
n
e
r
r
u
c
h
g
i
h
,
F
V
w
o
L
,
e
d
o
i
D
y
k
t
t
o
h
c
S
3
2
3
-
D
O
S
D
N
-
T
C
0
0
4
S
C
H1
Z
1
Ro
e
g
a3
Y0
6
0
,
m
h
o
1
8
.
6
,
W
6
1
/
1
r
o
t
s
i
s
e
R
T
MD
SN
-
T
C
H
1
8
.
6
-
1
1
3
y
e
K
-
i
g
i1
D
2
R
COPAL
Sermet Trimmer, 100 ohm
CT-6EP 100
1
3
Ro
e
g
a3
Y0
6
0
,
m
h
o
K
0
.
1
,
W
6
1
/
1
r
o
t
s
i
s
e
R
T
MD
SN
-
T
C
H
K
0
.
1
-
1
1
3
y
e
K
-
i
g
i1
D
4
Ro
e
g
a3
Y0
6
0
,
m
h
o
K
0
0
2
,
W
6
1
/
1
r
o
t
s
i
s
e
R
T
MD
SN
-
T
C
H
K
0
0
2
-
1
1
3
y
e
K
-
i
g
i1
D
5
Ro
e
g
a
Y
m
h
o
K
0
1
,
W
6
1
/
1
r
o
t
s
i
s
e
R
m
li
F
l
a
t
e
M
)
d
r
a
o
b
n
o
d
e
r
e
d
l
o
s
t
o
n
(
D
N
-
K
B
X
K
0
.
0
1
y
e
K
-
i
g
i1
D
8
L
o
t
1
La
i
h
c
iT
NM
S
,
D
E
L
e
t
i
h5
W3
3
W
C
S
N
r
o
0
0
1
W
C
S8
N
1p
Ji
r
t
S
e
l
g
n
i
S
,
"
1
.
0
,
r
o
t
c
e
n
n
o
C
r
e
d
a
e
H
n
i
p
-
6
D
N
-
6
0
-
2
1
0
1
S
y
e
K
_
i
g
i
D
)
v
i
u
q
e
r
o
(
1
4
J
o
t
2p
Ji
r
t
S
e
l
g
n
i
S
,
"
1
.
0
,
r
o
t
c
e
n
n
o
C
r
e
d
a
e
H
n
i
p
-
2
D
N
-
2
0
-
2
1
0
1
S
y
e
K
_
i
g
i
D
)
v
i
u
q
e
r
o
(
3
o
t
1
T
0
1
T
x
a
M
-
li)
Ms
t
n
i
o
P
t
s
e
T
(
e
l
c
a
t
p
e
c
e
R
n
i
P
0
-
4
0
-
4
1
-
0
3
-
1
0
-
5
1
-
0
-
9
4
1
0
#
)
v
i
u
q
e
r
o
(
0
1
Table 1. W-6237EVAL2 Board List of Components


Similar Part No. - AN24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN240 ETC2-AN240 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
   Audio player evaluation board based on ST7Lite
AN2406 STMICROELECTRONICS-AN2406 Datasheet
152Kb / 5P
   TS4962IQ class D audio amplifier
logo
Freescale Semiconductor...
AN2407 FREESCALE-AN2407 Datasheet
556Kb / 48P
   Reed Solomon Encoder/Decoder on the StarCore SC140/SC1400 Cores, With Extended Examples
logo
STMicroelectronics
AN2407 STMICROELECTRONICS-AN2407 Datasheet
174Kb / 14P
   800mA standalone linear Li-Ion
More results

Similar Description - AN24

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
AN26 COPAL-AN26 Datasheet
161Kb / 8P
   W-6137EVAL1 EVALUATION BOARD FOR W-6137
AN14 COPAL-AN14 Datasheet
654Kb / 10P
   W-52EVAL1 EVALUATION BOARD FOR W-52 WHITE LED DRIVER
logo
STMicroelectronics
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
   250 W ATX SMPS evaluation board
January 2014 Rev 1
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
   6 W 3-phase SMPS for metering evaluation board
December 2007 Rev 1
logo
ON Semiconductor
NCL2801LED2GEVB ONSEMI-NCL2801LED2GEVB Datasheet
1Mb / 14P
   Deep Dimming LED Driver 150 W Evaluation Board
March, 2020 ??Rev. 1
logo
Analog Devices
EVAL-SSM2306 AD-EVAL-SSM2306_15 Datasheet
671Kb / 8P
   Evaluation Board for 2 W, Filterless, Class-D Stereo Audio Amplifier
logo
STMicroelectronics
EVL6562A-TM-80W STMICROELECTRONICS-EVL6562A-TM-80W Datasheet
125Kb / 6P
   80 W high performance transition mode PFC evaluation board
STEVAL-ISA176V1 STMICROELECTRONICS-STEVAL-ISA176V1 Datasheet
266Kb / 5P
   ALTAIR05T-800 5 W wide range CV-CC optoless adapter evaluation board
October 2015 Rev 1
STEVAL-ISB045V1 STMICROELECTRONICS-STEVAL-ISB045V1 Datasheet
751Kb / 7P
   2.5 W wireless charger transmitter evaluation kit
April 2018
STEVAL-ILL066V2 STMICROELECTRONICS-STEVAL-ILL066V2 Datasheet
683Kb / 12P
   100 W LED street lighting evaluation board using the STLUX385A digital controller
Rev 1 - March 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com