Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13BL-090-003-0 Datasheet(PDF) 2 Page - Copal Electronics

Part # 13BL-090-003-0
Description  Illuminated Pushbutton Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

13BL-090-003-0 Datasheet(HTML) 2 Page - Copal Electronics

  13BL-090-003-0 Datasheet HTML 1Page - Copal Electronics 13BL-090-003-0 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13BL
13BL-060 □6 ㎜ Sq. Type
13BL-110 □11 ㎜ Sq. Type
13BL-090 □9mm Sq. Type
6
±0.3
9.9
±0.2
4-R0.5
2-R0.5
2.2
23
±0.3
3
±0.3
±0.3
12
±0.3
3.6
±0.3
R0.5
6.5
±0.2
2-φ1.5
7.62
±0.2
1.27
±0.2
8.6
±0.2
9.9
±0.2
2-R0.5
4-R0.7
R0.5
2.2
23
±0.3
9
±0.3
12
±0.3
3.6
±0.3
3
±0.3
±0.3
2-φ1.5
7.62
±0.2
1.27
±0.2
4-R0.8
2-R0.5
11
±0.3
14.8
±0.2
R0.5
3
±0.3
±0.3
14
±0.3
6
±0.3
23
±0.3
2.2
3.6
±0.2
2-φ1.5
2-φ1.5
12.7
±0.2
2.54
±0.2
3
4
1
2
3
4
1
2
1
3
4
2
2-φ1.6
±0.05
2.54
±0.05
12.7
±0.1
1
3
2
4
1.27
±0.1
7.62
±0.1
4-φ0.8
+0.1
-0
2-φ1.6
Switch outline
Switch outline
±0.1
4-φ0.8
+0.1
-0
■PC Hole Layouts
■Circuit
■ PC Hole Layouts
■Circuit
■ Packaging Specifications
           30pcs/tray
■ Soldering
(1)Manual soldering
Device:Solder iron
350℃ Max. 3sec. Max.
(2)Auto soldering
Device:Jet wave or dip type
260℃ Max. 10sec. Max.:Twice
■ Table of Part Numbers
Part No.
Key Top Style Key Top Color
LED Color
MOQ
13BL-060-0000-X
□6mm sq.
White
Yellow
30
13BL-060-0010-X
Red
Red
13BL-060-0020-X
Blue
Green
13BL-060-0030-X
Green
Green
13BL-060-0040-X
Orange
Orange
13BL-060-0050-X
Yellow
Green
13BL-090-0000-X
□9mm sq.
White
Yellow
13BL-090-0010-X
Red
Red
13BL-090-0020-X
Blue
Green
13BL-090-0030-X
Green
Green
13BL-090-0040-X
Orange
Orange
13BL-090-0050-X
Yellow
Green
13BL-110-0000-X
□11mm sq.
White
Yellow
13BL-110-0010-X
Red
Red
13BL-110-0020-X
Blue
Green
13BL-110-0030-X
Green
Green
13BL-110-0040-X
Orange
Orange
13BL-110-0050-X
Yellow
Green


Similar Part No. - 13BL-090-003-0

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
13B SWITCH-13B Datasheet
152Kb / 8P
   COMMERCIAL PHONE JACKS
logo
Diotec Semiconductor
13B DIOTEC-13B Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
13BC SEMTECH_ELEC-13BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
13BCA SEMTECH_ELEC-13BCA Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
13BCB SEMTECH_ELEC-13BCB Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
More results

Similar Description - 13BL-090-003-0

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
   Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
   PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com