Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC73 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC73
Description  Dual J-K Flip-Flop with Reset Negative-Edge Trigger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC73 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC73 Datasheet HTML 1Page - Texas Instruments CD74HC73 Datasheet HTML 2Page - Texas Instruments CD74HC73 Datasheet HTML 3Page - Texas Instruments CD74HC73 Datasheet HTML 4Page - Texas Instruments CD74HC73 Datasheet HTML 5Page - Texas Instruments CD74HC73 Datasheet HTML 6Page - Texas Instruments CD74HC73 Datasheet HTML 7Page - Texas Instruments CD74HC73 Datasheet HTML 8Page - Texas Instruments CD74HC73 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS134E
Features
• Hysteresis on Clock Inputs for Improved Noise
Immunity and Increased Input Rise and Fall Times
• Asynchronous Reset
• Complementary Outputs
• Buffered Inputs
• Typical fMAX = 60MHz at VCC = 5V, CL = 15pF,
TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC73 and CD74HCT73 utilize silicon gate CMOS
technology to achieve operating speeds equivalent to LSTTL
parts. They exhibit the low power consumption of standard
CMOS integrated circuits, together with the ability to drive 10
LSTTL loads.
These flip-flops have independent J, K, Reset and Clock
inputs and Q and Q outputs. They change state on the
negative-going transition of the clock pulse. Reset is
accomplished asynchronously by a low level input. This
device is functionally identical to the HC/HCT107 but differs
in terminal assignment and in some parametric limits.
The HCT logic family is functionally as well as pin compatible
with the standard LS logic family.
Pinout
CD54HC73 (CERDIP)
CD74HC73, CD74HCT73 (PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC73F3A
-55 to 125
14 Ld CERDIP
CD74HC73E
-55 to 125
14 Ld PDIP
CD74HC73M
-55 to 125
14 Ld SOIC
CD74HC73MT
-55 to 125
14 Ld SOIC
CD74HC73M96
-55 to 125
14 Ld SOIC
CD74HCT73E
-55 to 125
14 Ld PDIP
CD74HCT73M
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
1CP
1R
1K
VCC
2CP
2R
2J
1J
1Q
1Q
GND
2K
2Q
2Q
1
2
3
4
5
6
7
14
13
12
11
10
9
8
February 1998 - Revised September 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC73, CD74HC73,
CD74HCT73
Dual J-K Flip-Flop with Reset
Negative-Edge Trigger
[ /Title
(CD74
HC73,
CD74
HCT73
)
/Sub-
ject
(Dual
J-K
Flip-
Flop


Similar Part No. - CD74HC73

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC73 TI-CD74HC73 Datasheet
57Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD74HC73 TI-CD74HC73 Datasheet
422Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD74HC73 TI-CD74HC73 Datasheet
452Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD74HC73 TI-CD74HC73 Datasheet
1,007Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
September 2003
CD74HC73E TI-CD74HC73E Datasheet
57Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
More results

Similar Description - CD74HC73

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC73 TI-CD54HC73_08 Datasheet
452Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI-CD54HC107_08 Datasheet
451Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI1-CD54HC107_16 Datasheet
624Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_07 Datasheet
422Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI-CD54HC107 Datasheet
266Kb / 11P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD74HC107 TI-CD74HC107 Datasheet
56Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD74HC73 TI-CD74HC73 Datasheet
57Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_V01 Datasheet
1,007Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
September 2003
CD74HC112 TI-CD74HC112 Datasheet
55Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112_08 Datasheet
643Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com