Electronic Components Datasheet Search |
|
ASE1D-2M-10-Z Datasheet(PDF) 4 Page - Copal Electronics |
|
ASE1D-2M-10-Z Datasheet(HTML) 4 Page - Copal Electronics |
4 / 4 page AS & ASE ■ Bracket Installation Procedure ■Handling Precautions (AS and ASE Series) 1.Soldering SpeciÄcations ⑴Manual Soldering Device : Soldering iron 380 ℃, Max.; 3 seconds, Max. ⑵Auto Soldering Device : Jet wave type or dip type 275 ℃, Max.; 6 seconds, Max. ・Pre-heating should be done at temperatures ranging from 80℃ to 120 ℃ and within 120 sec. 2. Flux Cleaning ⑴Solvent : Fluorine or Alcohol type. ⑵Cleaning after soldering should be done after the terminal temperature falls to 90 ℃ or below, or after leaving the switch for Äve minutes or longer at room temperature. AS series are not process sealed and are not washable. If the PC board is to be cleaned, clean the soldering surface of substrate with a brush so that the switch is not exposed to the cleaning solution. ⑶Do not use ultrasonic cleaning system. 3. Mounting of Switch ⑴Use the PC boards of φ1 holes. ⑵Do not bend the terminals before mounting the switch on the PC board. ⑶After mounting the switch, do not place the device in such a way that the device weight will be applied on the knob, etc. of the switch. ⑷Do not apply load exceeding 12.7 N (1.3 kgf) to the knob. Use a bracket (optional accessory) if the load is expected to exceed 12.7 N (1.3 kgf). The strength of the knob will be reinforced to 29.4 N (3 kgf) max.. ■Packaging SpeciÄcations Plastick Pack Right-angle terminals : 50 pcs/pack PC terminals :100 pcs/pack |
Similar Part No. - ASE1D-2M-10-Z |
|
Similar Description - ASE1D-2M-10-Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |