Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAS Datasheet(PDF) 6 Page - Copal Electronics

Part # CAS
Description  SLIDE SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CAS Datasheet(HTML) 6 Page - Copal Electronics

  CAS Datasheet HTML 1Page - Copal Electronics CAS Datasheet HTML 2Page - Copal Electronics CAS Datasheet HTML 3Page - Copal Electronics CAS Datasheet HTML 4Page - Copal Electronics CAS Datasheet HTML 5Page - Copal Electronics CAS Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CAS
SLIDE SWITCHES (SMD)
PACKAGING SPECIFICATIONS
<Taping packaging specifications>
O Taping version is packaged in 1000 pcs. per reel.
Orders will be accepted for units of 1000 pcs., i.e., 1000,
2000, 3000 pcs., etc.
O Taping version is boxed with two reels (2000 pcs.).
Maximum number of consecutive missing pieces=2
Leader length and reel dimension are shown in the
diagrams below:
O Embossed tape dimensions
O Reel dimensions
(Unit: mm)
(Conforms to JIS C 0806-3)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
Leader
2
±0.5
17.4
±1
21.4
±1
13
±0.2
φ
21
±0.8
φ
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
<Bulk pack specifications>
O Boxing of bulk pack in a plastic bag is performed with
100 pcs. (standard 500 pcs.) per box.
80.1
40.1
0.30.1
3
20.1
Terminal No.1
Direction of feed
1.5
+0.1
0
φ
Installation example
(CAS-120B1)
80.1
40.1
0.30.1
3
20.1
Terminal No.1
Direction of feed
1.5
+0.1
0
φ
Installation example
(CAS-D20B1)
O CAS-120TA, TB
O &$67$7%‡'7$7%
(Unit: mm)


Similar Part No. - CAS

ManufacturerPart #DatasheetDescription
logo
LEM
CAS LEM-CAS Datasheet
1Mb / 16P
   Current Transducer
logo
Lumberg
CAS LUMBERG-CAS Datasheet
371Kb / 3P
   Tools and harnessing machines
logo
Level One
CAS-1101 LVL1-CAS-1101 Datasheet
167Kb / 2P
   5~50mm Vari-Focal Day/Night Lens
CAS-1200 LVL1-CAS-1200 Datasheet
174Kb / 2P
   3~8mm Vari-Focal Lens
logo
List of Unclassifed Man...
CAS-120A ETC1-CAS-120A Datasheet
221Kb / 6P
   SLIDE SWITCHES
More results

Similar Description - CAS

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com