Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT2E-2M4 Datasheet(PDF) 1 Page - Copal Electronics

Part # BT2E-2M4
Description  Miniature Toggle Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

BT2E-2M4 Datasheet(HTML) 1 Page - Copal Electronics

  BT2E-2M4 Datasheet HTML 1Page - Copal Electronics BT2E-2M4 Datasheet HTML 2Page - Copal Electronics BT2E-2M4 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Actuator shape
ON
ON
ONーOFF ーON
ON
ー (ON)
(ON)
ーOFFー(ON)
ONーOFFー(ON)
Terminal style
N
P
R
S
T
D
E
F
G
H
Toggle type
1 pole
2
T
PC Straight
4
With bracket
2 poles
B
  T  2  N  −  2  M  4
Series code
Number of poles
Switching function
Standard
M
Actuator shape
Bracket style
Number
of poles
Terminal style
Type
1
2
Fig.
Bracket
Fig.
Fig.
Code
1 pole 2 poles
Code
Switching function
Code Actuator shape
BT
Miniature Toggle Switch
■Features
1. Terminal pin pitch: 2.54 mm.
2. Gold-plated contacts
3. Wiping contact mechanism for long-term
reliability
4. Independent detent mechanism ensures light
operational feel.
5. Epoxy-sealed terminal pins
6. Miniature size (Single-pole: 7.6mm, Double-
pole: 12.7mm) for high density mounting.
■Part Numbering
■ :WLJPÄJH[PVUZ
Rating
Max.
50mA 20VAC
・DC
Initial contact resistance
50m
Ω max.
(1.5mA 200μVAC)
Dielectric strength
500VAC 1 minute
Insulation resistance
10,000M
Ω min.
(250VDC)
Electrical life
50,000 cycles
Operating
temperature range
−20℃∼+85℃
Storage
temperature range
−40℃∼+85℃
RoHS Compliant
(ON)
:Momentary.


Similar Part No. - BT2E-2M4

ManufacturerPart #DatasheetDescription
logo
Altech corporation
BT2 ALTECH-BT2 Datasheet
152Kb / 1P
   30 mm Rubber Boots BTx (x=color)
logo
Marki Microwave
BT2-0026 MARKIMICROWAVE-BT2-0026 Datasheet
759Kb / 5P
   HIGH POWER BIAS TEE
BT2-0040 MARKIMICROWAVE-BT2-0040 Datasheet
559Kb / 5P
   HIGH POWER BIAS TEE
BT2-0050 MARKIMICROWAVE-BT2-0050 Datasheet
566Kb / 5P
   HIGH POWER BIAS TEE
logo
List of Unclassifed Man...
BT201 ETC-BT201 Datasheet
36Kb / 2P
   DC/DC Converters
More results

Similar Description - BT2E-2M4

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFT2-SERIES COPAL-CFT2-SERIES Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
CF-TB COPAL-CF-TB Datasheet
233Kb / 2P
   Miniature Power Toggle Switch
FT_SERIES COPAL-FT_SERIES Datasheet
382Kb / 3P
   Ultra-Miniature Toggle Switch
CFT2 COPAL-CFT2 Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com