Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1E-5M-10-Z Datasheet(PDF) 1 Page - Copal Electronics

Part # AS1E-5M-10-Z
Description  Hyper-miniature Slide Switchess
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

AS1E-5M-10-Z Datasheet(HTML) 1 Page - Copal Electronics

  AS1E-5M-10-Z Datasheet HTML 1Page - Copal Electronics AS1E-5M-10-Z Datasheet HTML 2Page - Copal Electronics AS1E-5M-10-Z Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
  S  2  D − 2  M − 10 − Z
ON
ON
ONーOFF ーON
N
P
D
E
Slide type
1 pole
2
5
6
S
PC terminal
Right angle
(0.2inch pitch)
Right angle
(0.3inch pitch)
2 poles
Series code
Standard
M
Clip mechanism
Numberof poles
Terminal style
Type
1
2
Fig.
Fig.
Distance between two terminal rows : 5.08mm
(0.2 )
Terminal line for double poles are 2.54mm
(0.1 )
Code
Code
Switching function
Code Actuator shape
AS
Hyper-miniature Slide Switchess
■Features
1. High Contact Reliability
Twin-contact clip mechanism for high contact reliability.
2. Gold-plated contacts suitable for low current applications
3. For PC board mounting
4. Improved operability
The independent detent structure provides a light
operating touch.
■ SpeciÄcations
Rating
0.4VA AC/DC
Voltagr range
20mV
∼48V
Current range
1
μA∼50mA
Max.
50mA 40V AC/DC
Min.
1
μA 20mV AC/DC
Initial contact resistance
50m
Ω max.
(1.5mA 200μVAC)
Dielectric strength
250VAC 1 minute
Initial insulation resistance
500M
Ω min.
(250VDC)
Electrical life
10,000 cycles at max. rating.
50,000 cycles at min. rating or 0.4VA
Operating force
0.69
∼4.9N
Operating temperature range
−20℃∼+85℃
Storage temperature range
−40℃∼+85℃
■Part Numbering
RoHS Compliant
●Please refer to P.518 for soldering speciÄcations, Åux cleaning, and packaging speciÄcations. Please refer to P.521 for PC hole layouts.


Similar Part No. - AS1E-5M-10-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS100 ETC-AS100 Datasheet
442Kb / 4P
   HOL-SEALERS Hole Seals
logo
Projects Unlimited, Inc...
AS10004PS-R PUI-AS10004PS-R Datasheet
344Kb / 1P
   Speaker
AS10004PS-WR-R PUI-AS10004PS-WR-R Datasheet
354Kb / 1P
   Speaker
logo
Power-One
AS1001-7R POWER-ONE-AS1001-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Astec America, Inc
AS1004 ASTEC-AS1004 Datasheet
53Kb / 8P
   Micropower Voltage Reference
More results

Similar Description - AS1E-5M-10-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ASE COPAL-ASE Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
MHS COPAL-MHS Datasheet
839Kb / 6P
   Hyper-miniature Slide Switches
ASE-SERIES COPAL-ASE-SERIES Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
logo
C&K Components
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
L202121MS02Q CK-COMPONENTS-L202121MS02Q Datasheet
366Kb / 6P
   Miniature Slide Switches
logo
Copal Electronics
S_SERIES COPAL-S_SERIES Datasheet
578Kb / 1P
   Miniature Slide Switches
HSS COPAL-HSS Datasheet
286Kb / 1P
   Miniature Slide Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com